Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6262 Datasheet (PDF) - Intersil Corporation

ISL6262 Datasheet PDF - Intersil Corporation
Part # ISL6262
Download  ISL6262 Download
File Size   559.16 Kbytes
Page   27 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Two-Phase Core Regulator for IMVP-6 Mobile CPUs

ISL6262 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6262 Datasheet PDF - Intersil Corporation

Part # ISL6262
Download  ISL6262 Click to download

File Size   559.16 Kbytes
Page   27 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Two-Phase Core Regulator for IMVP-6 Mobile CPUs

ISL6262 Datasheet (HTML) - Intersil Corporation


ISL6262 Product details

The ISL6262 is a two-phase buck converter regulator
implementing Intel® IMVP-6 protocol, with embedded gate
drivers. The two-phase buck converter uses two interleaved
channels to effectively double the output voltage ripple
frequency and thereby reduce output voltage ripple
amplitude with fewer components, lower component cost,
reduced power dissipation, and smaller real estate area.
The heart of the ISL6262 is R3 Technology™, Intersil’s
Robust Ripple Regulator modulator. Compared with the
traditional multiphase buck regulator, the R3 Technology™
has the fastest transient response. This is due to the R3
modulator commanding variable switching frequency during
a load transient.
Intel Mobile Voltage Positioning (IMVP) is a smart voltage
regulation technology, which effectively reduces power
dissipation in Intel Pentium processors. To boost battery life,
the ISL6262 supports DPRSLRVR (deeper sleep),
DPRSTP# and PSI# functions and maximizes the efficiency
via automatically enabling different phase operation modes.
At heavy load operation of the active mode, the regulator
commands the two phase continuous conduction mode
(CCM) operation. While the PSI# is asserted at the medium
load in the active mode, the ISL6262 smoothly disables one
phase and operates in a one-phase CCM. When the CPU
enters deeper sleep mode, the ISL6262 enables diode
emulation to maximize the efficiency at the light load.
A 7-bit digital-to-analog converter (DAC) allows dynamic
adjustment of the core output voltage from 0.300V to 1.500V.
A 0.5% system accuracy of the core output voltage over
temperature is achieved by the ISL6262.
A unity-gain differential amplifier is provided for remote CPU
die sensing. This allows the voltage on the CPU die to be
accurately measured and regulated per Intel IMVP-6
specifications. Current sensing can be realized using either
lossless inductor DCR sensing or precision resistor sensing.
A single NTC thermistor network thermally compensates the
gain and the time constant of the DCR variations.

Features
• Precision Two-phase CORE Voltage Regulator
- 0.5% System Accuracy Over Temperature
- Enhanced load line accuracy
• Internal Gate Driver with 2A Driving Capability
• Dynamic Phase Adding/Dropping
• Microprocessor Voltage Identification Input
- 7-Bit VID Input
- 0.300V to 1.500V in 12.5mV Steps
- Support VID Change on-the-fly
• Multiple Current Sensing Schemes Supported
- Lossless Inductor DCR Current Sensing
- Precision Resistive Current Sensing
• Thermal Monitor
• User Programmable Switching Frequency
• Differential Remote CPU Die Voltage Sensing
• Static and Dynamic Current Sharing
• Overvoltage, Undervoltage, and Overcurrent Protection
• Pb-Free Plus Anneal Available (RoHS Compliant)




Similar Part No. - ISL6262

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6262 INTERSIL-ISL6262 Datasheet
562Kb / 27P
Two-Phase Core Regulator for IMVP-6 Mobile CPUs
May 15, 2006
logo
Renesas Technology Corp
ISL6262 RENESAS-ISL6262 Datasheet
1Mb / 27P
Two-Phase Core Regulator for IMVP-6 Mobile CPUs
logo
Intersil Corporation
ISL6262 INTERSIL-ISL6262 Datasheet
562Kb / 27P
Two-Phase Core Regulator for IMVP-6 Mobile CPUs
May 15, 2006
ISL6262A INTERSIL-ISL6262A Datasheet
630Kb / 28P
Two-Phase Core Controller Santa Rosa, IMVP-6
December 23, 2008
ISL6262A INTERSIL-ISL6262A Datasheet
631Kb / 28P
Two-Phase Core Controller(Santa Rosa, IMVP-6)
December 23, 2008
More results


Similar Description - ISL6262

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6261A INTERSIL-ISL6261A Datasheet
1Mb / 34P
Single-Phase Core Regulator for IMVP-6 Mobile CPUs
ISL6261 INTERSIL-ISL6261 Datasheet
1Mb / 34P
Single-Phase Core Regulator for IMVP-6 Mobile CPUs
September 27, 2006
ISL78211 INTERSIL-ISL78211 Datasheet
1Mb / 35P
Automotive Single-Phase Core Regulator for IMVP-6??CPUs
ISL6262 INTERSIL-ISL6262 Datasheet
562Kb / 27P
Two-Phase Core Regulator for IMVP-6 Mobile CPUs
May 15, 2006
ISL6262CRZ-T INTERSIL-ISL6262CRZ-T Datasheet
562Kb / 27P
Two-Phase Core Regulator for IMVP-6 Mobile CPUs
May 15, 2006
logo
Renesas Technology Corp
ISL6261 RENESAS-ISL6261 Datasheet
1Mb / 34P
Single-Phase Core Regulator for IMVP-6짰 Mobile CPUs
ISL6261A RENESAS-ISL6261A Datasheet
1Mb / 34P
Single-Phase Core Regulator for IMVP-6짰 Mobile CPUs
ISL6262 RENESAS-ISL6262 Datasheet
1Mb / 27P
Two-Phase Core Regulator for IMVP-6 Mobile CPUs
logo
Intersil Corporation
ISL6260 INTERSIL-ISL6260 Datasheet
578Kb / 26P
Multiphase Core Regulator for IMVP-6 Mobile CPUs
January 3, 2006
logo
Renesas Technology Corp
ISL6260 RENESAS-ISL6260 Datasheet
578Kb / 26P
Multiphase Core Regulator for IMVP-6 Mobile CPUs
January 3, 2006
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com