Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

66359 Datasheet (PDF) - Micropac Industries

66359 Datasheet PDF - Micropac Industries
Part # 66359
Download  66359 Download
File Size   48.18 Kbytes
Page   2 Pages
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries
Description 4 kV OPTOCOUPLER

66359 Datasheet (PDF)

Go To PDF Page Download Datasheet
66359 Datasheet PDF - Micropac Industries

Part # 66359
Download  66359 Click to download

File Size   48.18 Kbytes
Page   2 Pages
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries
Description 4 kV OPTOCOUPLER

66359 Datasheet (HTML) - Micropac Industries




Similar Part No. - 66359

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
66359-1 TEC-66359-1 Datasheet
70Kb / 1P
PIN ASSEMBLY, LOOSE PIECE, TYPE III
7-8-92
66359-2 TEC-66359-2 Datasheet
70Kb / 1P
PIN ASSEMBLY, LOOSE PIECE, TYPE III
7-8-92
66359-3 TEC-66359-3 Datasheet
70Kb / 1P
PIN ASSEMBLY, LOOSE PIECE, TYPE III
7-8-92
66359-4 TEC-66359-4 Datasheet
70Kb / 1P
PIN ASSEMBLY, LOOSE PIECE, TYPE III
7-8-92
logo
Tyco Electronics
66359-9 MACOM-66359-9 Datasheet
415Kb / 9P
Signal Contacts
More results


Similar Description - 66359

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6135 VISHAY-SFH6135 Datasheet
448Kb / 4P
HIGH-SPEED 5.3 kV TRIOS OPTOCOUPLER
17-August-01
SFH618A VISHAY-SFH618A Datasheet
473Kb / 4P
Phototransistor, 5.3 kV TRIOS Low Current Input Optocoupler
17-August-01
logo
Siemens Semiconductor G...
6N135 SIEMENS-6N135 Datasheet
85Kb / 3P
HIGH-SPEED 2.5 kV TRIOS OPTOCOUPLER
SFH6016 SIEMENS-SFH6016 Datasheet
206Kb / 5P
5.3 KV TRIOS OPTOCOUPLER HIGH RELIABILITY
SFH608 SIEMENS-SFH608 Datasheet
103Kb / 3P
PHOTOTRANSISTOR, 5.3 KV, TRIOS LOW CURRENT OPTOCOUPLER
SFH620A SIEMENS-SFH620A Datasheet
93Kb / 3P
5.3 kV TRIOS OPTOCOUPLER AC VOLTAGE INPUT
SFH620AA SIEMENS-SFH620AA Datasheet
74Kb / 3P
5.3 kV TRIOS Optocoupler AC Voltage Input
SFH6345 SIEMENS-SFH6345 Datasheet
35Kb / 3P
HIGH SPEED 5.3 kV OPTOCOUPLER
SFH636 SIEMENS-SFH636 Datasheet
38Kb / 3P
HIGH SPEED 5.3 kV OPTOCOUPLER
logo
Infineon Technologies A...
SFH610A INFINEON-SFH610A Datasheet
426Kb / 3P
5.3 kV TRIOS Optocoupler High Reliability
March 27, 2000-00
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com