Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2571 Datasheet (PDF) - Micrel Semiconductor

MIC2571 Datasheet PDF - Micrel Semiconductor
Part # MIC2571
Download  MIC2571 Download
File Size   126.11 Kbytes
Page   11 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Single-Cell Switching Regulator Preliminary Information

MIC2571 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2571 Datasheet PDF - Micrel Semiconductor

Part # MIC2571
Download  MIC2571 Click to download

File Size   126.11 Kbytes
Page   11 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Single-Cell Switching Regulator Preliminary Information

MIC2571 Datasheet (HTML) - Micrel Semiconductor


MIC2571 Product details

General Description
Micrel’s MIC2571 is a micropower boost switching regulator that operates from one alkaline, nickel-metal-hydride cell, or lithium cell.
The MIC2571 accepts a positive input voltage between 0.9V and 15V. Its typical no-load supply current is 120µA.

Features
• Operates from a single-cell supply 0.9V to 15V operation
• 120µA typical quiescent current
• Complete regulator fits 0.3 in2 area
• 2.85V/3.3V/5V selectable output voltage (MIC2571-1)
• Adjustable output up to 36V (MIC2571-2)
• 1A current limited pass element
• Frequency synchronization input
• 8-lead MSOP package

Applications
• Pagers
• LCD bias generator
• Battery-powered, hand-held instruments
• Palmtop computers
• Remote controls
• Detectors
• Battery Backup Supplies




Similar Part No. - MIC2571

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2571 MICREL-MIC2571 Datasheet
574Kb / 12P
Single-Cell Switching Regulator
logo
MIC GROUP RECTIFIERS
MIC2571 MIC-MIC2571 Datasheet
574Kb / 12P
Single-Cell Switching Regulator Final Information
MIC2571-1BMM MIC-MIC2571-1BMM Datasheet
574Kb / 12P
Single-Cell Switching Regulator Final Information
logo
Micrel Semiconductor
MIC2571-1BMM MICREL-MIC2571-1BMM Datasheet
574Kb / 12P
Single-Cell Switching Regulator
logo
MIC GROUP RECTIFIERS
MIC2571-2BMM MIC-MIC2571-2BMM Datasheet
574Kb / 12P
Single-Cell Switching Regulator Final Information
More results


Similar Description - MIC2571

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2171 MICREL-MIC2171 Datasheet
80Kb / 10P
100kHz 2.5A Switching Regulator Preliminary Information
MIC2172 MICREL-MIC2172 Datasheet
129Kb / 16P
100kHz 1.25A Switching Regulators Preliminary Information
MIC2570 MICREL-MIC2570 Datasheet
178Kb / 14P
Two-Cell Switching Regulator Preliminary Information
MIC2940A MICREL-MIC2940A Datasheet
121Kb / 8P
1.25A Low-Dropout Voltage Regulator Preliminary Information
MIC5210 MICREL-MIC5210 Datasheet
60Kb / 8P
Dual 150mA LDO Regulator Preliminary Information
MIC5237 MICREL-MIC5237 Datasheet
41Kb / 8P
500mA Low-Dropout Regulator Preliminary Information
logo
Xicor Inc.
X98027 XICOR-X98027 Datasheet
105Kb / 1P
PRELIMINARY INFORMATION
logo
MIC GROUP RECTIFIERS
MIC2571 MIC-MIC2571_11 Datasheet
574Kb / 12P
Single-Cell Switching Regulator Final Information
logo
Micrel Semiconductor
MIC2571 MICREL-MIC2571_02 Datasheet
574Kb / 12P
Single-Cell Switching Regulator
logo
List of Unclassifed Man...
PS12000 ETC1-PS12000 Datasheet
1Mb / 24P
PRELIMINARY INFORMATION
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com