Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4807 Datasheet (PDF) - Micrel Semiconductor

MIC4807 Datasheet PDF - Micrel Semiconductor
Part # MIC4807
Download  MIC4807 Download
File Size   103.37 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 80V 8-Channel Addressable Low-Side Driver

MIC4807 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC4807 Datasheet PDF - Micrel Semiconductor

Part # MIC4807
Download  MIC4807 Click to download

File Size   103.37 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 80V 8-Channel Addressable Low-Side Driver

MIC4807 Datasheet (HTML) - Micrel Semiconductor


MIC4807 Product details

General Description
The MIC4807 is an 80V, 8-channel, addressable low side driver with latches and TTL/CMOS compatible logic inputs. Each logic input is composed of a comparator with a 1.4V bandgap-derived reference serving as the trip point. The addresses (AIN, BIN, and CIN) and Data-in logic inputs have an internal 50µA pull-up current source, while the Output Enable (OE), Chip Select (CS), and Clear logic inputs have an internal 75µA pull-down sink. If the logic lines to the MIC4807 are severed, these currents guarantee that the outputs will turn OFF.

Features
• 4.5V to 16V Operation
• Eight 80V 100mA Outputs
• Off-state Leakage less than 10µA at 25°C
• Short-Circuit Proof
• Thermal Shutdown with Hysteresis
• DMOS Output Devices (RON ≤ 7Ω at 25°C)

Applications
• Lamp Drivers
• Solenoid Drivers
• Display Drivers
    -Electroluminescent
    -Vacuum Fluorescent
    -Plasma
• Relay Drivers
• Print Head Drivers
• Heater Drivers
• Power Semiconductor Drivers
• Security Systems
• Environmental Controls
• Process Controllers




Similar Part No. - MIC4807

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4801 MICREL-MIC4801 Datasheet
560Kb / 12P
High Efficiency 600mA Single Channel Linear WLED Driver with Ultra Fast PWM??Control
MIC4801YM MICREL-MIC4801YM Datasheet
560Kb / 12P
High Efficiency 600mA Single Channel Linear WLED Driver with Ultra Fast PWM??Control
MIC4802 MICREL-MIC4802 Datasheet
539Kb / 12P
High Efficiency 800mA Single Channel Linear WLED Driver with Ultra Fast PWM??Control
MIC4802YME MICREL-MIC4802YME Datasheet
539Kb / 12P
High Efficiency 800mA Single Channel Linear WLED Driver with Ultra Fast PWM??Control
More results


Similar Description - MIC4807

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
6259 ALLEGRO-6259 Datasheet
172Kb / 10P
8-BIT ADDRESSABLE DMOS POWER DRIVER
January 24, 2000
6B259 ALLEGRO-6B259 Datasheet
143Kb / 12P
8-BIT ADDRESSABLE DMOS POWER DRIVER
January 24, 2000
logo
ELMOS Semiconductor AG
E910.01 ELMOS-E910.01 Datasheet
122Kb / 1P
Low side driver (8 channel, serial interface)
E910.32 ELMOS-E910.32 Datasheet
133Kb / 1P
Low side driver (8 channel, parallel interface)
logo
Texas Instruments
DRV8860 TI1-DRV8860 Datasheet
1Mb / 31P
8 Channel Serial Interface Low-Side Driver
DRV8860 TI1-DRV8860 Datasheet
1Mb / 31P
8 Channel Serial Interface Low-Side Driver
DRV8860 TI1-DRV8860_16 Datasheet
1Mb / 41P
8-Channel Serial Interface Low-Side Driver
logo
Allegro MicroSystems
A6A259 ALLEGRO-A6A259 Datasheet
204Kb / 11P
8-Bit Addressable, DMOS Power Driver
A6B259 ALLEGRO-A6B259 Datasheet
159Kb / 11P
8-Bit Addressable, DMOS Power Driver
A6259 ALLEGRO-A6259 Datasheet
194Kb / 11P
8-Bit Addressable DMOS Power Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com