Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC913 Datasheet (PDF) - Micrel Semiconductor

MIC913 Datasheet PDF - Micrel Semiconductor
Part # MIC913
Download  MIC913 Download
File Size   180.83 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 350MHz Low-Power SOT-23-5 Op Amp

MIC913 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC913 Datasheet PDF - Micrel Semiconductor

Part # MIC913
Download  MIC913 Click to download

File Size   180.83 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 350MHz Low-Power SOT-23-5 Op Amp

MIC913 Datasheet (HTML) - Micrel Semiconductor


MIC913 Product details

General Description
The MIC913 is a high-speed, operational amplifier. It provides a gain-bandwidth product of 350MHz with a very low, 4.2mA supply current, and features the tiny SOT-23-5 package.

Features
• 350MHz gain bandwidth product
• 4.2mA supply current
• SOT23-5 package
• 500V/µs slew rate
• Drives any capacitive load
• Stable with gain of +2 or –1
• Low distortion

Applications
• Video
• Imaging
• Ultrasound
• Portable equipment
• Line drivers
• XDSL




Similar Part No. - MIC913

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC9130 MICREL-MIC9130 Datasheet
395Kb / 19P
High-Voltage, High-Speed Telecom DC-to-DC Controller
MIC9130BM MICREL-MIC9130BM Datasheet
395Kb / 19P
High-Voltage, High-Speed Telecom DC-to-DC Controller
MIC9130BM MICREL-MIC9130BM Datasheet
257Kb / 19P
High-Voltage, High-Speed Telecom DC-to-DC Controller
MIC9130BQS MICREL-MIC9130BQS Datasheet
395Kb / 19P
High-Voltage, High-Speed Telecom DC-to-DC Controller
MIC9130BQS MICREL-MIC9130BQS Datasheet
257Kb / 19P
High-Voltage, High-Speed Telecom DC-to-DC Controller
More results


Similar Description - MIC913

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC910 MICREL-MIC910 Datasheet
552Kb / 12P
135MHz Low-Power SOT-23-5 Op Amp
MIC911 MICREL-MIC911 Datasheet
204Kb / 12P
105MHz Low-Power SOT-23-5 Op Amp
MIC912 MICREL-MIC912 Datasheet
554Kb / 12P
200MHz Low-Power SOT-23-5 Op Amp
MIC914 MICREL-MIC914 Datasheet
201Kb / 12P
160MHz Low-Power SOT-23-5 Op Amp
MIC918 MICREL-MIC918 Datasheet
47Kb / 7P
51MHz Low-Power SOT-23-5/SC-70 Op Amp
MIC919 MICREL-MIC919 Datasheet
47Kb / 7P
27MHz Low-Power SOT-23-5/SC-70 Op Amp
logo
Global Mixed-mode Techn...
G1213 GMT-G1213 Datasheet
148Kb / 6P
Low power, Single, SOT-23-5, Rail-to-rail OP Amp
logo
Micrel Semiconductor
MIC910 MICREL-MIC910_01 Datasheet
135Kb / 12P
135MHz Low-Power SOT-23-5 Op Amp
MIC913 MICREL-MIC913_07 Datasheet
463Kb / 13P
350MHz Low-Power SOT23-5 Op Amp
MIC910 MICREL-MIC910_14 Datasheet
2Mb / 14P
135MHz, Low-Power SOT-23-5 Op Amp
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com