Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC913 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC913
Description  350MHz Low-Power SOT-23-5 Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC913 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC913 Datasheet HTML 1Page - Micrel Semiconductor MIC913 Datasheet HTML 2Page - Micrel Semiconductor MIC913 Datasheet HTML 3Page - Micrel Semiconductor MIC913 Datasheet HTML 4Page - Micrel Semiconductor MIC913 Datasheet HTML 5Page - Micrel Semiconductor MIC913 Datasheet HTML 6Page - Micrel Semiconductor MIC913 Datasheet HTML 7Page - Micrel Semiconductor MIC913 Datasheet HTML 8Page - Micrel Semiconductor MIC913 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MIC913
Micrel
MIC913
2
August 2000
Absolute Maximum Ratings (Note 1)
Supply Voltage (V
V+ – VV–) ........................................... 20V
Differential Input Voltage (
V
IN+ – VIN–) .......... 4V, Note 3
Input Common-Mode Range (V
IN+, VIN–) .......... VV+ to VV–
Lead Temperature (soldering, 5 sec.) ....................... 260
°C
Storage Temperature (T
S) ........................................ 150°C
ESD Rating, Note 4 ................................................... 1.5kV
Operating Ratings (Note 2)
Supply Voltage (V
S) ....................................... ±2.5V to ±9V
Junction Temperature (T
J) ......................... –40°C to +85°C
Package Thermal Resistance ............................... 260
°C/W
Electrical Characteristics (
±5V)
V
V+ = +5V, VV– = –5V, VCM = 0V, VOUT = 0V; RL = 10MΩ; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +85°C; unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
OS
Input Offset Voltage
1
16
mV
V
OS
Input Offset Voltage
4
µV/°C
Temperature Coefficient
I
B
Input Bias Current
5.5
9
µA
15
µA
I
OS
Input Offset Current
0.05
3
µA
V
CM
Input Common-Mode Range
CMRR > 60dB
–3.25
+3.25
V
CMRR
Common-Mode Rejection Ratio
–2.0V < V
CM < +2.0V
70
85
dB
PSRR
Power Supply Rejection Ratio
±5V < V
S < ±9V
70
81
dB
65
dB
A
VOL
Large-Signal Voltage Gain
R
L = 2k, VOUT = ±2V
60
71
dB
R
L = 200Ω, VOUT = ±2V
60
71
dB
V
OUT
Maximum Output Voltage Swing
positive, R
L = 2kΩ
+3.3
3.5
V
+3.0
V
negative, R
L = 2kΩ
–3.5
–3.3
V
–3.0
V
positive, R
L = 200Ω
+3.0
3.2
V
+2.75
V
negative, R
L = 200Ω
–2.8
–2.45
V
–2.2
V
GBW
Gain-Bandwidth Product
f = 80MHz, R
L = 1kΩ
300
MHz
BW
–3dB Bandwidth
A
V = 2, RL = 150Ω
213
MHz
A
V = 4 or AV = –3, RL = 400Ω-
104
MHz
THD
Total Harmonic Distortion
R
F = RG = 470Ω, AV = 2, VOUT = 2Vpp,
0.01
%
f = 2MHz
A
V = 2, VOUT = 2Vpp, f = 2MHz, RL = 500Ω
0.05
%
SR
Slew Rate
350
V/
µs
I
GND
Short-Circuit Output Current
source
72
mA
sink
25
mA
I
GND
Supply Current
4.1
4.9
mA
5.4
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com