Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC913 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC913
Description  350MHz Low-Power SOT-23-5 Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC913 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC913 Datasheet HTML 1Page - Micrel Semiconductor MIC913 Datasheet HTML 2Page - Micrel Semiconductor MIC913 Datasheet HTML 3Page - Micrel Semiconductor MIC913 Datasheet HTML 4Page - Micrel Semiconductor MIC913 Datasheet HTML 5Page - Micrel Semiconductor MIC913 Datasheet HTML 6Page - Micrel Semiconductor MIC913 Datasheet HTML 7Page - Micrel Semiconductor MIC913 Datasheet HTML 8Page - Micrel Semiconductor MIC913 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
August 2000
1
MIC913
MIC913
Micrel
MIC913
350MHz Low-Power SOT-23-5 Op Amp
General Description
The MIC913 is a high-speed, operational amplifier. It pro-
vides a gain-bandwidth product of 350MHz with a very low,
4.2mA supply current, and features the tiny SOT-23-5 pack-
age.
Supply voltage range is from
±2.5V to ±9V, allowing the
MIC913 to be used in low-voltage circuits or applications
requiring large dynamic range.
The MIC913 requires a minimum gain of +2 or –1 but is stable
driving any capacitative load and achieves excellent PSRR,
making it much easier to use than most conventional high-
speed devices. Low supply voltage, low power consumption,
and small packing make the MIC913 ideal for portable
equipment. The ability to drive capacitative loads also makes
it possible to drive long coaxial cables.
Features
• 350MHz gain bandwidth product
• 4.2mA supply current
• SOT-23-5 package
• 500V/
µs slew rate
• Drives any capacitive load
• Low distortion
• Stable with gain of +2 or –1
Applications
• Video
• Imaging
• Ultrasound
• Portable equipment
• Line drivers
• XDSL
Ordering Information
Part Number
Junction Temp. Range
Package
MIC913BM5
–40
°C to +85°C
SOT-23-5
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com
Pin Description
Pin Number
Pin Name
Pin Function
1
OUT
Output: Amplifier Output
2
V+
Positive Supply (Input)
3
IN+
Noninverting Input
4
IN–
Inverting Input
5
V–
Negative Supply (Input)
Pin Configuration
OUT
V+
IN–
IN+
1
3
45
2
V–
A24
Part
Identification
SOT-23-5
Functional Pinout
OUT
V+
IN–
IN+
1
3
45
2
V–
SOT-23-5


Similar Part No. - MIC913

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC9130 MICREL-MIC9130 Datasheet
395Kb / 19P
High-Voltage, High-Speed Telecom DC-to-DC Controller
MIC9130BM MICREL-MIC9130BM Datasheet
395Kb / 19P
High-Voltage, High-Speed Telecom DC-to-DC Controller
MIC9130BM MICREL-MIC9130BM Datasheet
257Kb / 19P
High-Voltage, High-Speed Telecom DC-to-DC Controller
MIC9130BQS MICREL-MIC9130BQS Datasheet
395Kb / 19P
High-Voltage, High-Speed Telecom DC-to-DC Controller
MIC9130BQS MICREL-MIC9130BQS Datasheet
257Kb / 19P
High-Voltage, High-Speed Telecom DC-to-DC Controller
More results

Similar Description - MIC913

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC910 MICREL-MIC910 Datasheet
552Kb / 12P
135MHz Low-Power SOT-23-5 Op Amp
MIC911 MICREL-MIC911 Datasheet
204Kb / 12P
105MHz Low-Power SOT-23-5 Op Amp
MIC912 MICREL-MIC912 Datasheet
554Kb / 12P
200MHz Low-Power SOT-23-5 Op Amp
MIC914 MICREL-MIC914 Datasheet
201Kb / 12P
160MHz Low-Power SOT-23-5 Op Amp
MIC918 MICREL-MIC918 Datasheet
47Kb / 7P
51MHz Low-Power SOT-23-5/SC-70 Op Amp
MIC919 MICREL-MIC919 Datasheet
47Kb / 7P
27MHz Low-Power SOT-23-5/SC-70 Op Amp
logo
Global Mixed-mode Techn...
G1213 GMT-G1213 Datasheet
148Kb / 6P
Low power, Single, SOT-23-5, Rail-to-rail OP Amp
logo
Micrel Semiconductor
MIC910 MICREL-MIC910_01 Datasheet
135Kb / 12P
135MHz Low-Power SOT-23-5 Op Amp
MIC913 MICREL-MIC913_07 Datasheet
463Kb / 13P
350MHz Low-Power SOT23-5 Op Amp
MIC910 MICREL-MIC910_14 Datasheet
2Mb / 14P
135MHz, Low-Power SOT-23-5 Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com