Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC913 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC913
Description  350MHz Low-Power SOT-23-5 Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC913 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC913 Datasheet HTML 1Page - Micrel Semiconductor MIC913 Datasheet HTML 2Page - Micrel Semiconductor MIC913 Datasheet HTML 3Page - Micrel Semiconductor MIC913 Datasheet HTML 4Page - Micrel Semiconductor MIC913 Datasheet HTML 5Page - Micrel Semiconductor MIC913 Datasheet HTML 6Page - Micrel Semiconductor MIC913 Datasheet HTML 7Page - Micrel Semiconductor MIC913 Datasheet HTML 8Page - Micrel Semiconductor MIC913 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
August 2000
3
MIC913
MIC913
Micrel
Electrical Characteristics
V
V+ = +9V, VV– = –9V, VCM = 0V, VOUT = 0V; RL = 10MΩ; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +85°C; unless noted
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
OS
Input Offset Voltage
1
16
mV
V
OS
Input Offset Voltage
4
µV/°C
Temperature Coefficient
I
B
Input Bias Current
5.5
9
µA
15
µA
I
OS
Input Offset Current
0.05
3
µA
V
CM
Input Common-Mode Range
CMRR > 60dB
–7.25
+7.25
V
CMRR
Common-Mode Rejection Ratio
–6.0V < V
CM < 6.0V
70
88
dB
A
VOL
Large-Signal Voltage Gain
R
L = 2kΩ, VOUT = ±6V
60
73
dB
V
OUT
Maximum Output Voltage Swing
positive, R
L = 2kΩ
+7.2
+7.4
V
+6.8
V
negative, R
L = 2kΩ
–7.4
–7.2
V
–6.8
V
GBW
Gain-Bandwidth Product
R
L = 1kΩ, f = 80MHz
350
MHz
BW
–3dB Bandwidth
A
V = 2 or AV = –1, RL = 150Ω
240
MHz
A
V = 4 or AV = –3
140
MHz
THD
Total Harmonic Distortion
R
F = RG = 470Ω, AV = 2, VOUT = 2Vpp,
0.01
%
f = 2MHz
A
V = 2, VOUT = 2Vpp, f = 2MHz, RL = 500Ω
0.04
%
SR
Slew Rate
500
V/
µs
I
GND
Short-Circuit Output Current
source
90
mA
sink
32
mA
I
GND
Supply Current
4.2
5.0
mA
5.5
mA
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Exceeding the maximum differential input voltage will damage the input stage and degrade performance (in particular, input bias current is
likely to increase).
Note 4.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com