Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24C02B Datasheet (PDF) - Microchip Technology

24C02B Datasheet PDF - Microchip Technology
Part # 24C02B
Download  24C02B Download
File Size   162.72 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1K/2K 5.0V I 2 C ??Serial EEPROM

24C02B Datasheet (PDF)

Go To PDF Page Download Datasheet
24C02B Datasheet PDF - Microchip Technology

Part # 24C02B
Download  24C02B Click to download

File Size   162.72 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1K/2K 5.0V I 2 C ??Serial EEPROM

24C02B Datasheet (HTML) - Microchip Technology


24C02B Product details

DESCRIPTION

The Microchip Technology Inc. 24C01B and 24C02B are 1K bit and 2K bit Electrically Erasable PROMs. The devices are organized as a single block of 128 x 8 bit or 256 x 8 bit memory with a 2-wire serial interface. The 24C01B and 24C02B also have page-write capability for up to 8 bytes of data. The 24C01B and 24C02B are available in the standard 8-pin DIP and an 8-pin surface mount SOIC package.



FEATURES

• Single supply with 5.0V operation

• Low power CMOS technology

- 1 mA active current typical

- 10 µA standby current typical at 5.0V

- 5 µA standby current typical at 5.0V

• Organized as a single block of 128 bytes (128 x 8) or 256 bytes (256 x 8)

• 2-wire serial interface bus, I2C compatible

• 100 kHz compatibility

• Self-timed write cycle (including auto-erase)

• Page-write buffer for up to 8 bytes

• 2 ms typical write cycle time for page-write

• Hardware write protect for entire memory

• Can be operated as a serial ROM

• ESD protection > 3,000V

• 1,000,000 ERASE/WRITE cycles guaranteed Data retention > 200 years

• 8 pin DIP or SOIC package

• Available for extended temperature ranges

- Automotive (E): -40°C to +125°C




Similar Part No. - 24C02B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24C02B-E/P MICROCHIP-24C02B-E/P Datasheet
110Kb / 10P
1K/2K 5.0V I2C??Serial EEPROM
2004
24C02B-E/SN MICROCHIP-24C02B-E/SN Datasheet
110Kb / 10P
1K/2K 5.0V I2C??Serial EEPROM
2004
24C02BT-E/P MICROCHIP-24C02BT-E/P Datasheet
110Kb / 10P
1K/2K 5.0V I2C??Serial EEPROM
2004
24C02BT-E/SN MICROCHIP-24C02BT-E/SN Datasheet
110Kb / 10P
1K/2K 5.0V I2C??Serial EEPROM
2004
More results


Similar Description - 24C02B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24C01A MICROCHIP-24C01A Datasheet
77Kb / 12P
1K/2K/4K 5.0V I 2 C O Serial EEPROMs
1996
24C01C MICROCHIP-24C01C Datasheet
326Kb / 12P
1K 5.0V I 2 C ??Serial EEPROM
1997
24C02C MICROCHIP-24C02C Datasheet
162Kb / 12P
2K 5.0V I 2 C ??Serial EEPROM
1997
24C04A MICROCHIP-24C04A Datasheet
107Kb / 12P
4K 5.0V I 2 C ??Serial EEPROM
1998-1999
24LC024 MICROCHIP-24LC024 Datasheet
163Kb / 12P
2K 2.5V I 2 C ??Serial EEPROM
1997
24LCS61 MICROCHIP-24LCS61 Datasheet
426Kb / 16P
1K/2K Software Addressable I 2 C ??Serial EEPROM
1997
93C46B MICROCHIP-93C46B Datasheet
180Kb / 12P
1K 5.0V Microwire Serial EEPROM
1997
24C04A MICROCHIP-24C04A_04 Datasheet
122Kb / 14P
4K 5.0V I 2 C ??Serial EEPROM
2004
24C01B MICROCHIP-24C01B_04 Datasheet
110Kb / 10P
1K/2K 5.0V I2C??Serial EEPROM
2004
85C72 MICROCHIP-85C72 Datasheet
107Kb / 8P
1K/2K/4K 5.0V CMOS Serial EEPROM
1995
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com