Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL29034 Datasheet (PDF) - Intersil Corporation

ISL29034 Datasheet PDF - Intersil Corporation
Part # ISL29034
Download  ISL29034 Download
File Size   387.11 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Integrated Digital Light Sensor

ISL29034 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL29034 Datasheet PDF - Intersil Corporation

Part # ISL29034
Download  ISL29034 Click to download

File Size   387.11 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Integrated Digital Light Sensor

ISL29034 Datasheet (HTML) - Intersil Corporation


ISL29034 Product details

The ISL29034 is an integrated ambient and infrared
light-to-digital converter with I2C (SMBus Compatible) Interface.
Its advanced self-calibrated photodiode array emulates human
eye response with excellent IR rejection. The on-chip ADC is
capable of rejecting 50Hz and 60Hz flicker caused by artificial
light sources. The Lux range select feature allows users to
program the Lux range for optimized counts/Lux.
For ambient light sensing, an internal 16-bit ADC has been
designed based upon the charge-balancing technique. The
ADC conversion time is nominally 105ms and is user
selectable from 11µs to 105ms, depending on oscillator
frequency and ADC resolution. In normal operation, typical
current consumption is 57µA. In order to further minimize
power consumption, two power-down modes have been
provided. If polling is chosen over continuous measurement of
light, the auto-power-down function shuts down the whole chip
after each ADC conversion for the measurement. The other
power-down mode is controlled by software via the I2C
interface. The power consumption can be reduced to less than
0.3µA when powered down.
The ISL29034 supports a software brownout condition
detection. The device powers up with the brownout bit
asserted until the host clears it through the I2C interface.
Designed to operate on supplies from 2.25V to 3.63V with an I2C
supply from 1.7V to 3.63V, the ISL29034 is specified for operation
over the -40°C to +85°C ambient temperature range.

Features
• Resolution . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .16-bits ADC
• Wide dynamic range1: . . . . . . . . . . . . . . . . . . . . . . . . . 4,200,000
• Integrated noise reduction . . . . . . . . . . . . . . . . . . . . . 50/60Hz
• Close to human eye response with excellent IR/UV rejection
• Shutdown modes. . . . . . . . . . . . . . . . . . . Software and Automatic
• Supply current (typ) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 57µA
• Shutdown current (max) . . . . . . . . . . . . . . . . . . . . . . . . 0.51µA
• I2C (SMB compatible) power supply . . . . . . . . . 1.7V to 3.63V
• Sensor power supply . . . . . . . . . . . . . . . . . . . . . 2.25V to 3.63V
• Operating temperature range. . . . . . . . . . . . . -40°C to +85°C
• Small form factor package . . . . . . . 4 Ld 1.5x1.3x0.75 ODFN

Applications
• Mobile devices: smart phone, PDA, GPS
• Computing devices: notebook PC, MacBook, tablets
• Consumer devices: LCD-TV, digital picture frame, digital camera
• Industrial and medical light sensing




Similar Part No. - ISL29034

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29034 INTERSIL-ISL29034 Datasheet
429Kb / 14P
Wide dynamic range1
logo
Renesas Technology Corp
ISL29034 RENESAS-ISL29034 Datasheet
697Kb / 14P
Integrated Digital Light Sensor
ISL29034IROZ-EVALZ RENESAS-ISL29034IROZ-EVALZ Datasheet
697Kb / 14P
Integrated Digital Light Sensor
ISL29034IROZ-T7 RENESAS-ISL29034IROZ-T7 Datasheet
697Kb / 14P
Integrated Digital Light Sensor
More results


Similar Description - ISL29034

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29015 INTERSIL-ISL29015 Datasheet
596Kb / 13P
Integrated Digital Ambient Light Sensor and Proximity Sensor
October 31, 2008
ISL29023 INTERSIL-ISL29023 Datasheet
511Kb / 11P
Integrated Digital Ambient Light Sensor with Interrupt Function
July 17, 2012
logo
Cooper Bussmann, Inc.
ISL29035 COOPER-ISL29035 Datasheet
101Kb / 2P
Integrated Digital Light Sensor with Interrupt
logo
Intersil Corporation
ISL29035 INTERSIL-ISL29035 Datasheet
101Kb / 2P
Integrated Digital Light Sensor with Interrupt
September 18, 2013
ISL29023IROZ-T7 INTERSIL-ISL29023IROZ-T7 Datasheet
623Kb / 14P
Integrated Digital Light Sensor with Interrupt
May 1, 2014
ISL29035 INTERSIL-ISL29035_14 Datasheet
476Kb / 16P
Integrated Digital Light Sensor with Interrupt
November 12, 2014
logo
Renesas Technology Corp
ISL29015 RENESAS-ISL29015 Datasheet
852Kb / 13P
Integrated Digital Ambient Light Sensor and Proximity Sensor
ISL29023 RENESAS-ISL29023 Datasheet
882Kb / 14P
Integrated Digital Light Sensor with Interrupt
ISL29034 RENESAS-ISL29034 Datasheet
697Kb / 14P
Integrated Digital Light Sensor
ISL29035 RENESAS-ISL29035 Datasheet
774Kb / 17P
Integrated Digital Light Sensor with Interrupt
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com