Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X28HC256 Datasheet (PDF) - Intersil Corporation

X28HC256 Datasheet PDF - Intersil Corporation
Part # X28HC256
Download  X28HC256 Download
File Size   502.34 Kbytes
Page   19 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM

X28HC256 Datasheet (PDF)

Go To PDF Page Download Datasheet
X28HC256 Datasheet PDF - Intersil Corporation

Part # X28HC256
Download  X28HC256 Click to download

File Size   502.34 Kbytes
Page   19 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM

X28HC256 Datasheet (HTML) - Intersil Corporation


X28HC256 Product details

The X28HC256 is a second generation high performance
CMOS 32k x 8 EEPROM. It is fabricated with Intersil’s
proprietary, textured poly floating gate technology, providing a
highly reliable 5V only nonvolatile memory.
The X28HC256 supports a 128-byte page write operation,
effectively providing a 24µs/byte write cycle, and enabling the
entire memory to be typically rewritten in less than 0.8s. The
X28HC256 also features DATA polling and Toggle bit polling,
two methods of providing early end of write detection. The
X28HC256 also supports the JEDEC standard software data
protection feature for protecting against inadvertent writes
during power-up and power-down.
Endurance for the X28HC256 is specified as a minimum
100,000 write cycles per byte and an inherent data retention
of 100 years.

Features
• Access time: 90ns
• Simple byte and page write
- Single 5V supply
- No external high voltages or VP-P control circuits
- Self timed
- No erase before write
- No complex programming algorithms
- No overerase problem
• Low power CMOS
- Active: 60mA
- Standby: 500µA
• Software data protection
- Protects data against system level inadvertent writes
• High speed page write capability
• Highly reliable Direct Write™ cell
- Endurance: 100,000 cycles
- Data retention: 100 years
• Early end of write detection
- DATA polling
- Toggle bit polling
• RoHS compliant




Similar Part No. - X28HC256

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28HC256 XICOR-X28HC256 Datasheet
110Kb / 24P
5 Volt, Byte Alterable E2PROM
logo
Intersil Corporation
X28HC256 INTERSIL-X28HC256 Datasheet
286Kb / 15P
5 Volt, Byte Alterable EEPROM
May 17, 2006
X28HC256 INTERSIL-X28HC256 Datasheet
410Kb / 20P
5V, Byte Alterable EEPROM
May 7, 2007
logo
Renesas Technology Corp
X28HC256 RENESAS-X28HC256 Datasheet
873Kb / 19P
256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
August 27, 2015
logo
Xicor Inc.
X28HC256D-12 XICOR-X28HC256D-12 Datasheet
110Kb / 24P
5 Volt, Byte Alterable E2PROM
More results


Similar Description - X28HC256

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28C512 INTERSIL-X28C512 Datasheet
599Kb / 25P
5V, Byte Alterable EEPROM
September 29, 2005
logo
Maxwell Technologies
28C256T MAXWELL-28C256T Datasheet
283Kb / 14P
256K EEPROM (32K x 8-Bit) EEPROM
logo
Intersil Corporation
X28C010 INTERSIL-X28C010_07 Datasheet
440Kb / 20P
5V, Byte Alterable EEPROM
February 12, 2007
X28C512 INTERSIL-X28C512_06 Datasheet
465Kb / 21P
5V, Byte Alterable EEPROM
June 7, 2006
X28HC256 INTERSIL-X28HC256_07 Datasheet
410Kb / 20P
5V, Byte Alterable EEPROM
May 7, 2007
logo
Austin Semiconductor
AS28C010 AUSTIN-AS28C010 Datasheet
306Kb / 14P
128K x 8 EEPROM EEPROM Memory 5 Volt, Byte Alterable
logo
Renesas Technology Corp
X28C512 RENESAS-X28C512 Datasheet
848Kb / 21P
5V, Byte Alterable EEPROM
X28HC64 RENESAS-X28HC64 Datasheet
784Kb / 18P
64k, 8k x 8-Bit 5 Volt, Byte Alterable EEPROM
June 27, 2016
X28HC256 RENESAS-X28HC256 Datasheet
873Kb / 19P
256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
August 27, 2015
X28C010 RENESAS-X28C010 Datasheet
823Kb / 20P
5V, Byte Alterable EEPROM
February 12, 2007
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com