Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9402 Datasheet (PDF) - Microchip Technology

TC9402 Datasheet PDF - Microchip Technology
Part # TC9402
Download  TC9402 Download
File Size   504.11 Kbytes
Page   20 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Voltage-to-Frequency/Frequency-to-Voltage Converters

TC9402 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC9402 Datasheet PDF - Microchip Technology

Part # TC9402
Download  TC9402 Click to download

File Size   504.11 Kbytes
Page   20 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Voltage-to-Frequency/Frequency-to-Voltage Converters

TC9402 Datasheet (HTML) - Microchip Technology


TC9402 Product details

GENERAL DESCRIPTION

The TC9400/TC9401/TC9402 are low-cost voltage-to-frequency (V/F) converters utilizing low power CMOS technology. The converters accept a variable analog input signal and generate an output pulse train whose frequency is linearly proportional to the input voltage.



FEATURES

Voltage-to-Frequency

■ Choice of Guaranteed Linearity:

TC9401 ......................................................... 0.01%

TC9400 ......................................................... 0.05%

TC9402 ......................................................... 0.25%

■ DC to 100 kHz (F/V) or 1Hz to 100kHz (V/F)

■ Low Power Dissipation .......................... 27mW Typ

■ Single/Dual Supply Operation .................................+ 8V to + 15V or ±4V to ±7.5V

■ Gain Temperature Stability ..........±25 ppm/°C Typ

■ Programmable Scale Factor



Frequency-to-Voltage

■ Operation ........................................... DC to 100 kHz

■ Choice of Guaranteed Linearity:

TC9401 ......................................................... 0.02%

TC9400 ......................................................... 0.05%

TC9402 ......................................................... 0.25%

■ Programmable Scale Factor



APPLICATIONS

■ µP Data Acquisition

■ 13-Bit Analog-to-Digital Converters

■ Analog Data Transmission and Recording

■ Phase-Locked Loops

■ Frequency Meters/Tachometer

■ Motor Control

■ FM Demodulation




Similar Part No. - TC9402

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC9402 TELCOM-TC9402 Datasheet
154Kb / 13P
VOLTAGE-TO-FREQUENCY/FREQUENCY-TO-VOLTAGE CONVERTERS
logo
Microchip Technology
TC9402 MICROCHIP-TC9402 Datasheet
691Kb / 24P
Voltage-to-Frequency/Frequency-to-Voltage Converters
2006
logo
TelCom Semiconductor, I...
TC9402CPD TELCOM-TC9402CPD Datasheet
154Kb / 13P
VOLTAGE-TO-FREQUENCY/FREQUENCY-TO-VOLTAGE CONVERTERS
TC9402EJD TELCOM-TC9402EJD Datasheet
154Kb / 13P
VOLTAGE-TO-FREQUENCY/FREQUENCY-TO-VOLTAGE CONVERTERS
More results


Similar Description - TC9402

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM131A NSC-LM131A Datasheet
280Kb / 16P
Precision Voltage-to-Frequency Converters
LM231A NSC-LM231A Datasheet
368Kb / 15P
Precision Voltage-to-Frequency Converters
logo
TelCom Semiconductor, I...
TC9400 TELCOM-TC9400 Datasheet
154Kb / 13P
VOLTAGE-TO-FREQUENCY/FREQUENCY-TO-VOLTAGE CONVERTERS
logo
Analog Devices
ADVFC32 AD-ADVFC32 Datasheet
141Kb / 6P
Voltage-to-Frequency and Frequency-to-Voltage Converter
REV.A
logo
Fairchild Semiconductor
RC4152 FAIRCHILD-RC4152 Datasheet
75Kb / 12P
Voltage-to-Frequency Converters
logo
Microchip Technology
TC9400 MICROCHIP-TC9400_06 Datasheet
691Kb / 24P
Voltage-to-Frequency/Frequency-to-Voltage Converters
2006
AN795 MICROCHIP-AN795 Datasheet
280Kb / 15P
Voltage-to-Frequency/Frequency-to-Voltage Converter
2002
logo
Texas Instruments
VFC32 TI1-VFC32 Datasheet
411Kb / 11P
Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
LM2917P TI1-LM2917P Datasheet
96Kb / 7P
FREQUENCY-TO-VOLTAGE CONVERTERS
LM231 TI1-LM231_15 Datasheet
952Kb / 23P
Precision Voltage-to-Frequency Converters
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com