Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9402 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC9402
Description  Voltage-to-Frequency/Frequency-to-Voltage Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC9402 Datasheet(HTML) 4 Page - Microchip Technology

  TC9402 Datasheet HTML 1Page - Microchip Technology TC9402 Datasheet HTML 2Page - Microchip Technology TC9402 Datasheet HTML 3Page - Microchip Technology TC9402 Datasheet HTML 4Page - Microchip Technology TC9402 Datasheet HTML 5Page - Microchip Technology TC9402 Datasheet HTML 6Page - Microchip Technology TC9402 Datasheet HTML 7Page - Microchip Technology TC9402 Datasheet HTML 8Page - Microchip Technology TC9402 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TC9400/9401/9402
DS21483B-page 4
© 2002 Microchip Technology Inc.
Analog Input
IIN Full Scale
—
10
—
—
10
—
—
10
—
µA
Full Scale Analog Input
Current to achieve
Specified Accuracy
IIN Over Range
—
—
50
—
—
50
—
—
50
µA
Over Range Current
Response Time
—
2
—
—
2
—
—
2
—
Cycle
Settling Time to 0.1%
Full Scale
Digital Section
TC9400
TC9401
TC9402
VSAT @IOL = 10mA
—
0.2
0.4
—
0.2
0.4
—
0.2
0.4
V
Logic "0" Output
Voltage (Note 3)
VOUTMAX –VOUT
Common (Note 4)
—
—
18
—
—
18
—
—
18
V
Voltage Range
Between Output and
Common
Pulse Frequency
Output Width
—3
—
—
3
—
—
3
—
µsec
Frequency-to-Voltage
Supply Current
IDD Quiescent
(Note 5)
—
1.5
6
—
1.5
6
—
3
10
mA
Current Required from
Positive Supply during
Operation
ISS Quiescent
(Note 5)
—
-1.5
-6
—
-1.5
-6
—
-3
-10
mA
Current Required from
Negative Supply during
Operation
VDD Supply
4
—
7.5
4
—
7.5
4
—
7.5
V
Operating Range of
Positive Supply
VSS Supply
-4
—
-7.5
-4
—
-7.5
-4
—
-7.5
V
Operating Range of
Negative Supply
Reference Voltage
VREF –VSS
-2.5
—
—
-2.5
—
—
-2.5
—
—
V
Range of Voltage
Reference Input
Accuracy
Non-Linearity
(Note 10)
—
0.02
0.05
—
0.01
0.02
—
0.05
0.25
%
Full Scale
Deviation from ideal
Transfer Function as a
Percentage Full Scale
Voltage
Input Frequency
Range
(Notes 7 and 8)
10
—
100k
10
—
100k
10
—
100k
Hz
Frequency Range for
Specified Non-Linearity
TC940X ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: VDD =+5V,VSS =-5V, VGND =0V, VREF =-5V,RBIAS =100kΩ, Full Scale = 10kHz, unless otherwise
specified. TA = +25°C, unless temperature range is specified (-40°C to +85°C for E device, 0°C to +70°C for C device).
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
Test Conditions
Note
1:
Full temperature range; not tested.
2:
IIN =0.
3:
Full temperature range, IOUT =10mA.
4:
IOUT =10µA.
5:
Threshold Detect = 5V, Amp Out = 0V, full temperature range.
6:
10Hz to 100kHz; not tested.
7:
5
µsec minimum positive pulse width and 0.5µsec minimum negative pulse width.
8:
tR =tF =20nsec.
9:
RL ≥ 2kΩ, tested @ 10kΩ.
10: Full temperature range, VIN = -0.1V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com