Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9402 Datasheet(PDF) 13 Page - Microchip Technology

Part # TC9402
Description  Voltage-to-Frequency/Frequency-to-Voltage Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC9402 Datasheet(HTML) 13 Page - Microchip Technology

Back Button TC9402 Datasheet HTML 9Page - Microchip Technology TC9402 Datasheet HTML 10Page - Microchip Technology TC9402 Datasheet HTML 11Page - Microchip Technology TC9402 Datasheet HTML 12Page - Microchip Technology TC9402 Datasheet HTML 13Page - Microchip Technology TC9402 Datasheet HTML 14Page - Microchip Technology TC9402 Datasheet HTML 15Page - Microchip Technology TC9402 Datasheet HTML 16Page - Microchip Technology TC9402 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
© 2002 Microchip Technology Inc.
DS21483B-page 13
TC9400/9401/9402
FIGURE 7-2:
F/V SINGLE SUPPLY F/V CONVERTER
7.3
Input Buffer
FOUT and FOUT/2 are not used in the F/V mode. How-
ever, these outputs may be useful for some applica-
tions, such as a buffer to feed additional circuitry. Then,
FOUT will follow the input frequency waveform, except
that FOUT will go high 3µsec after FIN goes high;
FOUT/2 will be square wave with a frequency of
one-half FOUT.
If these outputs are not used, Pins 8, 9 and 10 should be
connected to ground (see Figure 7-3 and Figure 7-4).
FIGURE 7-3:
F/V DIGITAL OUTPUTS
Offset
Adjust
10k
.01
µF
6.2V
IN914
33k
100k
500k
0.1
µF
100k
V+ = 10V to 15V
1M
47pF
VOUT
Frequency
Input
TC9400
6
10k
2
11
1.0M
4
14
12
3
5
GND
VREF OUT
IIN
Zero
Adjust
VREF
IBIAS
Amp Out
VDD
VSS
GND
6
7
1.0k
V+
1.0k
0.01
µF
.001
µF
DET
Note: The output is referenced to Pin 6, which is at 6.2V (Vz). For frequency meter applications,
a 1mA meter with a series scaling resistor can be placed across Pins 6 and 12.
0.5
µsec
Min
5.0
µsec
Min
Delay = 3
µsec
Input
FOUT
FOUT/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com