Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9402 Datasheet(PDF) 9 Page - Microchip Technology

Part # TC9402
Description  Voltage-to-Frequency/Frequency-to-Voltage Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC9402 Datasheet(HTML) 9 Page - Microchip Technology

Back Button TC9402 Datasheet HTML 5Page - Microchip Technology TC9402 Datasheet HTML 6Page - Microchip Technology TC9402 Datasheet HTML 7Page - Microchip Technology TC9402 Datasheet HTML 8Page - Microchip Technology TC9402 Datasheet HTML 9Page - Microchip Technology TC9402 Datasheet HTML 10Page - Microchip Technology TC9402 Datasheet HTML 11Page - Microchip Technology TC9402 Datasheet HTML 12Page - Microchip Technology TC9402 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
© 2002 Microchip Technology Inc.
DS21483B-page 9
TC9400/9401/9402
4.3
Freq/2 Out
This output is an open drain N-channel FET, which pro-
vides a square wave one-half the frequency of the
pulse frequency output. The FREQ/2 OUT output will
change state on the rising edge of PULSE FREQ OUT.
This output requires a pull-up resistor and interfaces
directly with MOS, CMOS, and TTL logic.
4.4
Output Common
The sources of both the FREQ/2 OUT and the PULSE
FREQ OUT are connected to this pin. An output level
swing from the drain voltage to ground, or to the VSS
supply, may be obtained by connecting this pin to the
appropriate point.
4.5
RBIAS
An external resistor, connected to VSS, sets the bias
point for the TC9400. Specifications for the TC9400 are
based on RBIAS = 100kΩ ±10%, unless otherwise
noted.
Increasing the maximum frequency of the TC9400
beyond 100kHz is limited by the pulse width of the
pulse output (typically 3
µsec). Reducing RBIAS will
decrease the pulse width and increase the maximum
operating frequency, but linearity errors will also
increase. RBIAS can be reduced to 20kΩ,which will
typically produce a maximum full scale frequency of
500kHz.
4.6
Amplifier Out
This pin is the output stage of the operational amplifier.
During V/F operation, a negative going ramp signal is
available at this pin. In the F/V mode, a voltage
proportional to the frequency input is generated.
4.7
Zero Adjust
This pin is the non-inverting input of the operational
amplifier. The low frequency set point is determined by
adjusting the voltage at this pin.
4.8
IIN
The inverting input of the operational amplifier and the
summing junction when connected in the V/F mode. An
input current of 10
µA is specified, but an over range
current up to 50
µA can be used without detrimental
effect to the circuit operation. IIN connects the summing
junction of an operational amplifier. Voltage sources
cannot be attached directly, but must be buffered by
external resistors.
4.9
VREF
A reference voltage from either a precision source, or
the VSS supply is applied to this pin. Accuracy of the
TC9400 is dependent on the voltage regulation and
temperature characteristics of the reference circuitry.
Since the TC9400 is a charge balancing V/F converter,
the reference current will be equal to the input current.
For this reason, the DC impedance of the reference
voltage source must be kept low enough to prevent lin-
earity errors. For linearity of 0.01%, a reference imped-
ance of 200W or less is recommended. A 0.1
µFbypass
capacitor should be connected from VREF to ground.
4.10
VREF Out
The charging current for CREF is supplied through this
pin. When the Op Amp output reaches the threshold
level, this pin is internally connected to the reference
voltage and a charge, equal to VREF xCREF, is removed
from the integrator capacitor. After about 3
µsec, this pin
is internally connected to the summing junction of the
Op Amptodischarge CREF. Break-before-make switch-
ing ensures that the reference voltage is not directly
applied to the summing junction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com