Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9402 Datasheet(PDF) 6 Page - Microchip Technology

Part # TC9402
Description  Voltage-to-Frequency/Frequency-to-Voltage Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC9402 Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC9402 Datasheet HTML 2Page - Microchip Technology TC9402 Datasheet HTML 3Page - Microchip Technology TC9402 Datasheet HTML 4Page - Microchip Technology TC9402 Datasheet HTML 5Page - Microchip Technology TC9402 Datasheet HTML 6Page - Microchip Technology TC9402 Datasheet HTML 7Page - Microchip Technology TC9402 Datasheet HTML 8Page - Microchip Technology TC9402 Datasheet HTML 9Page - Microchip Technology TC9402 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
TC9400/9401/9402
DS21483B-page 6
© 2002 Microchip Technology Inc.
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
Pin No.
14-Pin PDIP/CERDIP
14-Pin SOIC (Narrow)
Symbol
Description
1IBIAS
This pin sets bias current in the TC9400. Connect to VSS through a 100kΩ resistor.
2
ZERO ADJ
Low frequency adjustment input.
3IIN
Input current connection for the V/F converter.
4VSS
Negative power supply voltage connection, typically -5V.
5VREF OUT
Reference capacitor connection.
6
GND
Analog ground.
7VREF
Voltage reference input, typically -5V.
8
PULSE FREQ
OUT
Frequency output. This open drain output will pulse LOW each time the Freq.
Threshold Detector limit is reached. The pulse rate is proportional to input voltage.
9OUTPUT
COMMON
Source connection for the open drain output FETs.
10
FREQ/2 OUT
This open drain output is a square wave at one-half the frequency of the pulse output
(Pin 8). Output transitions of this pin occur on the rising edge of Pin 8.
11
THRESHOLD
DETECTOR
Input to the Threshold Detector. This pin is the frequency input during F/V operation.
12
AMPLIFIER OUT
Output of the integrator amplifier.
13
NC
No internal connection.
14
VDD
Positive power supply connection, typically +5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com