Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT28C3214P2FL Datasheet (PDF) - Micron Technology

MT28C3214P2FL Datasheet PDF - Micron Technology
Part # MT28C3214P2FL
Download  MT28C3214P2FL Download
File Size   520.14 Kbytes
Page   42 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description FLASH AND SRAM COMBO MEMORY

MT28C3214P2FL Datasheet (PDF)

Go To PDF Page Download Datasheet
MT28C3214P2FL Datasheet PDF - Micron Technology

Part # MT28C3214P2FL
Download  MT28C3214P2FL Click to download

File Size   520.14 Kbytes
Page   42 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description FLASH AND SRAM COMBO MEMORY

MT28C3214P2FL Datasheet (HTML) - Micron Technology


MT28C3214P2FL Product details

GENERAL DESCRIPTION
The MT28C3214P2FL and MT28C3214P2NFL combination Flash and SRAM memory devices provide a compact, low-power solution for systems where PCB real estate is at a premium. The dual-bank Flash is a high-performance, high-density, nonvolatile memory device with a revolutionary architecture that can significantly improve system performance.

FEATURES
• Flexible dual-bank architecture
• Support for true concurrent operations with no latency:
   Read bank b during program bank a and vice versa
   Read bank b during erase bank a and vice versa
• Organization: 2,048K x 16 (Flash)
   256K x 16 (SRAM)
• Basic configuration:
   Flash
      Bank a (4Mb Flash for data storage)
      – Eight 4K-word parameter blocks
      – Seven 32K-word blocks
      Bank b (28Mb Flash for program storage)
      – Fifty-six 32K-word main blocks
   SRAM
      4Mb SRAM for data storage
      – 256K-words
• F_VCC, VCCQ, F_VPP, S_VCC voltages1
   1.65V (MIN)/1.95V (MAX) F_VCC read voltage or
      1.80V (MIN)/2.20V (MAX) F_VCC read voltage
   1.65V (MIN)/1.95V (MAX) S_VCC read voltage or
      1.80V (MIN)/2.20V (MAX) S_VCC read voltage
   1.65V (MIN)/1.95V (MAX) VCCQ or
      1.80V (MIN)/2.20V (MAX) VCCQ
   1.80V (TYP) F_VPP (in-system PROGRAM/ERASE)
   0.0V (MIN)/2.20V (MAX) F_VPP (in-system
      PROGRAM/ERASE)2
   12V ±5% (HV) F_VPP (production programming
      compatibility)
• Asynchronous access time1
   Flash access time: 100ns or 110ns @ 1.65V F_VCC
   SRAM access time: 100ns @ 1.65V S_VCC
• Page Mode read access1
   Interpage read access: 100ns/110ns @ 1.65V F_VCC
   Intrapage read access: 35ns/45ns @ 1.65V F_VCC
• Low power consumption
• Enhanced suspend options
   ERASE-SUSPEND-to-READ within same bank
   PROGRAM-SUSPEND-to-READ within same bank
   ERASE-SUSPEND-to-PROGRAM within same bank
• Read/Write SRAM during program/erase of Flash
• Dual 64-bit chip protection registers for security
   purposes
• PROGRAM/ERASE cycles
   100,000 WRITE/ERASE cycles per block
• Cross-compatible command set support
   Extended command set
   Common flash interface (CFI) compliant




Similar Part No. - MT28C3214P2FL

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT28C3212P2FL MICRON-MT28C3212P2FL Datasheet
564Kb / 47P
FLASH AND SRAM COMBO MEMORY
MT28C3212P2NFL MICRON-MT28C3212P2NFL Datasheet
564Kb / 47P
FLASH AND SRAM COMBO MEMORY
More results


Similar Description - MT28C3214P2FL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TH50VSF3680 TOSHIBA-TH50VSF3680 Datasheet
585Kb / 55P
SRAM AND FLASH MEMORY MIXED MULTI-CHIP PACKAGE
logo
Sharp Corporation
LRS1331 SHARP-LRS1331 Datasheet
216Kb / 26P
Stacked Chip 16M Flash Memory and 4M SRAM
LRS1338A SHARP-LRS1338A Datasheet
218Kb / 36P
Stacked Chip 8M Flash Memory and 2M SRAM
logo
Micron Technology
MT28C3212P2FL MICRON-MT28C3212P2FL Datasheet
564Kb / 47P
FLASH AND SRAM COMBO MEMORY
MT28C3224P20 MICRON-MT28C3224P20 Datasheet
498Kb / 42P
FLASH AND SRAM COMBO MEMORY
MT28C6428P20 MICRON-MT28C6428P20 Datasheet
571Kb / 48P
FLASH AND SRAM COMBO MEMORY
logo
Sharp Corporation
LRS1383C SHARP-LRS1383C Datasheet
3Mb / 54P
FLASH MEMORY 32M (X16) FLASH MEMORY 8M (X16) SRAM
LRS1383F SHARP-LRS1383F Datasheet
3Mb / 44P
FLASH MEMORY 32M (X16) FLASH MEMORY 8M (X16) SRAM
logo
ADL Embedded Solutions
MSMF104 ADL-MSMF104 Datasheet
171Kb / 1P
Flash/SRAM Memory
logo
Texas Instruments
DK-LM3S9B96-FS8 TI-DK-LM3S9B96-FS8 Datasheet
200Kb / 5P
Stellaris짰 Flash and SRAM Memory Expansion Board
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com