Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT28C6428P20 Datasheet (PDF) - Micron Technology

MT28C6428P20 Datasheet PDF - Micron Technology
Part # MT28C6428P20
Download  MT28C6428P20 Download
File Size   571.59 Kbytes
Page   48 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description FLASH AND SRAM COMBO MEMORY

MT28C6428P20 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT28C6428P20 Datasheet PDF - Micron Technology

Part # MT28C6428P20
Download  MT28C6428P20 Click to download

File Size   571.59 Kbytes
Page   48 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description FLASH AND SRAM COMBO MEMORY

MT28C6428P20 Datasheet (HTML) - Micron Technology


MT28C6428P20 Product details

GENERAL DESCRIPTION
The MT28C6428P20 and MT28C6428P18 combination Flash and SRAM memory devices provide a compact, low-power solution for systems where PCB real estate is at a premium. The dual-bank Flash devices are high-performance, high-density, nonvolatile memory with a revolutionary architecture that can significantly improve system performance.

FEATURES
• Flexible dual-bank architecture
• Support for true concurrent operations with no latency:
    Read bank b during program bank a and vice versa
    Read bank b during erase bank a and vice versa
• Organization: 4,096K x 16 (Flash)
                         512K x 16 (SRAM)
• Basic configuration:
    Flash
    Bank a (16Mb Flash for data storage)
    – Eight 4K-word parameter blocks
    – Thirty-one 32K-word blocks
    Bank b (48Mb Flash for program storage)
    – Ninety-six 32K-word main blocks
    SRAM
    8Mb SRAM for data storage
    – 512K-words
• F_VCC, VCCQ, F_VPP, S_VCC voltages
    MT28C6428P20
        1.80V (MIN)/2.20V (MAX) F_VCC read voltage
        1.80V (MIN)/2.20V (MAX) S_VCC read voltage
        1.80V (MIN)/2.20V (MAX) VCCQ
    MT28C6428P18
        1.70V (MIN)/1.90V (MAX) F_VCC read voltage
        1.70V (MIN)/1.90V (MAX) S_VCC read voltage
        1.70V (MIN)/1.90V (MAX) VCCQ
    MT28C6428P20/P18
        1.80V (TYP) F_VPP (in-system PROGRAM/ERASE)
        1.0V (MIN) S_VCC (SRAM data retention)
        12V ±5% (HV) F_VPP (in-house programming and
            accelerated programming algorithm [APA]
            activation)
• Asynchronous access time
    Flash access time: 80ns @ 1.80V F_VCC
    SRAM access time: 80ns @ 1.80V S_VCC
• Page Mode read access
    Interpage read access: 80ns @ 1.80V F_VCC
    Intrapage read access: 30ns @ 1.80V F_VCC
• Low power consumption
• Enhanced suspend options
    ERASE-SUSPEND-to-READ within same bank
    PROGRAM-SUSPEND-to-READ within same bank
    ERASE-SUSPEND-to-PROGRAM within same bank
• Read/Write SRAM during program/erase of Flash
• Dual 64-bit chip protection registers for security purposes
• PROGRAM/ERASE cycles
    100,000 WRITE/ERASE cycles per block
• Cross-compatible command set support
    Extended command set
    Common flash interface (CFI) compliant




Similar Part No. - MT28C6428P20

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT28C3212P2FL MICRON-MT28C3212P2FL Datasheet
564Kb / 47P
FLASH AND SRAM COMBO MEMORY
MT28C3212P2NFL MICRON-MT28C3212P2NFL Datasheet
564Kb / 47P
FLASH AND SRAM COMBO MEMORY
MT28C3214P2FL MICRON-MT28C3214P2FL Datasheet
520Kb / 42P
FLASH AND SRAM COMBO MEMORY
MT28C3214P2NFL MICRON-MT28C3214P2NFL Datasheet
520Kb / 42P
FLASH AND SRAM COMBO MEMORY
MT28C3224P18 MICRON-MT28C3224P18 Datasheet
498Kb / 42P
FLASH AND SRAM COMBO MEMORY
More results


Similar Description - MT28C6428P20

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TH50VSF3680 TOSHIBA-TH50VSF3680 Datasheet
585Kb / 55P
SRAM AND FLASH MEMORY MIXED MULTI-CHIP PACKAGE
logo
Sharp Corporation
LRS1331 SHARP-LRS1331 Datasheet
216Kb / 26P
Stacked Chip 16M Flash Memory and 4M SRAM
LRS1338A SHARP-LRS1338A Datasheet
218Kb / 36P
Stacked Chip 8M Flash Memory and 2M SRAM
logo
Micron Technology
MT28C3212P2FL MICRON-MT28C3212P2FL Datasheet
564Kb / 47P
FLASH AND SRAM COMBO MEMORY
MT28C3214P2FL MICRON-MT28C3214P2FL Datasheet
520Kb / 42P
FLASH AND SRAM COMBO MEMORY
MT28C3224P20 MICRON-MT28C3224P20 Datasheet
498Kb / 42P
FLASH AND SRAM COMBO MEMORY
logo
Sharp Corporation
LRS1383C SHARP-LRS1383C Datasheet
3Mb / 54P
FLASH MEMORY 32M (X16) FLASH MEMORY 8M (X16) SRAM
LRS1383F SHARP-LRS1383F Datasheet
3Mb / 44P
FLASH MEMORY 32M (X16) FLASH MEMORY 8M (X16) SRAM
logo
ADL Embedded Solutions
MSMF104 ADL-MSMF104 Datasheet
171Kb / 1P
Flash/SRAM Memory
logo
Texas Instruments
DK-LM3S9B96-FS8 TI-DK-LM3S9B96-FS8 Datasheet
200Kb / 5P
Stellaris짰 Flash and SRAM Memory Expansion Board
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com