Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G5632 Datasheet (PDF) - Global Mixed-mode Technology Inc

G5632 Datasheet PDF - Global Mixed-mode Technology Inc
Part # G5632
Download  G5632 Download
File Size   155.57 Kbytes
Page   1 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 2A Buck Converter

G5632 Datasheet (PDF)

Go To PDF Page Download Datasheet
G5632 Datasheet PDF - Global Mixed-mode Technology Inc

Part # G5632
Download  G5632 Click to download

File Size   155.57 Kbytes
Page   1 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 2A Buck Converter

G5632 Datasheet (HTML) - Global Mixed-mode Technology Inc


G5632 Product details

General Description
The G5632 is a high efficiency, 2A buck converter with
two low RDS(ON) switches. It operates from 5V to 14V
input voltage range, and provides up to 2A continuous
output current with the output voltage adjustable down
to 0.8V. Whenever the load is light, the G5632 automatically change the PWM operation mode to PFM
operation to minimize the power consumption. Hence
it is suitable for battery-powered devices.
The G5632 is available in a SOP-8 package.

Features
„ 5V to 14V Input Supply Range
„ Up to 95% Efficiency
„ Synchronous Switches
„ No External Schottky Diodes Needed
„ Internal Soft Start
„ Output Voltage Adjustable to 0.8V
„ 2A continuous output current
„ Fixed 500kHz Switching Frequency
„ PWM/PFM Operations
„ Cycle-by-Cycle Current Limit
„ Short Circuit Protection
„ Thermal shutdown
„ SOP-8 Package

Applications
„ Note Book Computers
„ Portable DVD players
„ Optical Storages
„ LCD Panels
„ Telecom Equipments
„ Portable Devices




Similar Part No. - G5632

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
G56 TAYCHIPST-G56 Datasheet
1Mb / 3P
Silicon Z?밆iodes
logo
Global Mixed-mode Techn...
G5601A GMT-G5601A Datasheet
66Kb / 1P
High-Speed Step-Down Controller with LDO Controller for Notebook Computer
G5602 GMT-G5602 Datasheet
35Kb / 1P
High-Speed Step-Down Controller
G5603 GMT-G5603 Datasheet
53Kb / 1P
High-Speed Step-Down Controller
G5616 GMT-G5616 Datasheet
108Kb / 4P
Complete DDR, DDRII and DDRIII Memory Solution Synchronous Buck PWM Controller, 3A LDO, Buffered Reference
More results


Similar Description - G5632

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS4154 ADMOS-AMS4154 Datasheet
277Kb / 5P
2A OUTPUT PWM BUCK CONVERTER
AMS4155 ADMOS-AMS4155 Datasheet
389Kb / 6P
2A OUTPUT PWM BUCK CONVERTER
logo
ON Semiconductor
NCP6334B ONSEMI-NCP6334B Datasheet
253Kb / 14P
3MHz, 2A Synchronous Buck Converter
May, 2012 ??Rev. 2
NCP6334B-V3 ONSEMI-NCP6334B-V3 Datasheet
256Kb / 14P
3MHz, 2A Synchronous Buck Converter
November, 2012 ??Rev. 3
NCV6334B ONSEMI-NCV6334B_12 Datasheet
251Kb / 14P
3MHz, 2A Synchronous Buck Converter
November, 2012 ??Rev. 3
logo
Taiwan Semiconductor Co...
TS3420CX6RFG TSC-TS3420CX6RFG Datasheet
115Kb / 2P
2A, 1.25MHz Synchronous Buck Converter
TS3420 TSC-TS3420 Datasheet
419Kb / 9P
2A, 1.25MHz Synchronous Buck Converter
logo
ON Semiconductor
NCV6334B ONSEMI-NCV6334B Datasheet
251Kb / 14P
3MHz, 2A Synchronous Buck Converter
November, 2012 ??Rev. 3
logo
E-CMOS Corporation
EC3282S E-CMOS-EC3282S Datasheet
997Kb / 9P
2A, 28V, Buck Converter
logo
Lite-On Technology Corp...
LSP5526 LITEON-LSP5526 Datasheet
605Kb / 15P
2A 23V Synchronous Buck Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com