Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FIN1104MTC Datasheet (PDF) - Powertip Technology

FIN1104MTC Datasheet PDF - Powertip Technology
Part # FIN1104MTC
Download  FIN1104MTC Download
File Size   358.27 Kbytes
Page   6 Pages
Manufacturer  POWERTIP [Powertip Technology]
Direct Link  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology
Description LVDS 4 Port High Speed Repeater

FIN1104MTC Datasheet (PDF)

Go To PDF Page Download Datasheet
FIN1104MTC Datasheet PDF - Powertip Technology

Part # FIN1104MTC
Download  FIN1104MTC Click to download

File Size   358.27 Kbytes
Page   6 Pages
Manufacturer  POWERTIP [Powertip Technology]
Direct Link  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology
Description LVDS 4 Port High Speed Repeater

FIN1104MTC Datasheet (HTML) - Powertip Technology


FIN1104MTC Product details

General Description
This 4 port repeater is designed for high speed interconnects utilizing Low Voltage Differential Signaling (LVDS) technology. The FIN1104 accepts and outputs LVDS levels with a typical differential output swing of 330 mV which provides low EMI at ultra low power dissipation even at high frequencies. The FIN1104 provides a VBB reference for AC coupling on the inputs. In addition the FIN1104 can directly accept LVPECL, HSTL, and SSTL-2 for translation to LVDS.
   
Features
■ Greater than 800 Mbps data rate
■ 3.3V power supply operation
■ 3.5 ps maximum random jitter and 135 ps maximum
    deterministic jitter
■ Wide rail-to-rail common mode range
■ LVDS receiver inputs accept LVPECL, HSTL, and
    SSTL-2 directly
■ Ultra low power consumption
■ 20 ps typical channel-to-channel skew
■ Power off protection
■ > 7.5 kV HBM ESD Protection
■ Meets or exceeds the TIA/EIA-644-A LVDS standard
■ Available in space saving 24-Lead TSSOP package
■ Open circuit fail safe protection
■ VBB reference output
   




Similar Part No. - FIN1104MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN1104MTC FAIRCHILD-FIN1104MTC Datasheet
358Kb / 6P
LVDS 4 Port High Speed Repeater
logo
ON Semiconductor
FIN1104MTC ONSEMI-FIN1104MTC Datasheet
451Kb / 8P
LVDS 4 Port High Speed Repeater
Revised January 2003
FIN1104MTCX ONSEMI-FIN1104MTCX Datasheet
451Kb / 8P
LVDS 4 Port High Speed Repeater
Revised January 2003
More results


Similar Description - FIN1104MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN1101 FAIRCHILD-FIN1101 Datasheet
267Kb / 6P
LVDS Single Port High Speed Repeater
FIN1102 FAIRCHILD-FIN1102 Datasheet
320Kb / 5P
LVDS 2 Port High Speed Repeater
FIN1104 FAIRCHILD-FIN1104 Datasheet
358Kb / 6P
LVDS 4 Port High Speed Repeater
FIN1108 FAIRCHILD-FIN1108 Datasheet
475Kb / 7P
LVDS 8 Port High Speed Repeater
FIN1108 FAIRCHILD-FIN1108_10 Datasheet
672Kb / 9P
LVDS 8-Port, High-Speed Repeater
logo
Texas Instruments
SN65LVDS116DGGR TI-SN65LVDS116DGGR Datasheet
339Kb / 19P
16-PORT LVDS REPEATER
SN65LVDS108 TI1-SN65LVDS108_14 Datasheet
587Kb / 21P
8-PORT LVDS REPEATER
logo
ON Semiconductor
FIN1101 ONSEMI-FIN1101 Datasheet
369Kb / 8P
LVDS Single Port High Speed Repeater
Revised September 2002
FIN1104 ONSEMI-FIN1104 Datasheet
451Kb / 8P
LVDS 4 Port High Speed Repeater
Revised January 2003
FIN1108 ONSEMI-FIN1108 Datasheet
693Kb / 11P
LVDS 8-Port, High-Speed Repeater
September 2010 Rev. 1.0.4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com