Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FIN1104MTC Datasheet(PDF) 1 Page - Powertip Technology

Part # FIN1104MTC
Description  LVDS 4 Port High Speed Repeater
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERTIP [Powertip Technology]
Direct Link  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

FIN1104MTC Datasheet(HTML) 1 Page - Powertip Technology

  FIN1104MTC Datasheet HTML 1Page - Powertip Technology FIN1104MTC Datasheet HTML 2Page - Powertip Technology FIN1104MTC Datasheet HTML 3Page - Powertip Technology FIN1104MTC Datasheet HTML 4Page - Powertip Technology FIN1104MTC Datasheet HTML 5Page - Powertip Technology FIN1104MTC Datasheet HTML 6Page - Powertip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2003 Fairchild Semiconductor Corporation
DS500656
www.fairchildsemi.com
January 2002
Revised January 2003
FIN1104
LVDS 4 Port High Speed Repeater
General Description
This 4 port repeater is designed for high speed intercon-
nects utilizing Low Voltage Differential Signaling (LVDS)
technology. The FIN1104 accepts and outputs LVDS levels
with a typical differential output swing of 330 mV which pro-
vides low EMI at ultra low power dissipation even at high
frequencies. The FIN1104 provides a VBB reference for AC
coupling on the inputs. In addition the FIN1104 can directly
accept LVPECL, HSTL, and SSTL-2 for translation to
LVDS.
Features
s Greater than 800 Mbps data rate
s 3.3V power supply operation
s 3.5 ps maximum random jitter and 135 ps maximum
deterministic jitter
s Wide rail-to-rail common mode range
s LVDS receiver inputs accept LVPECL, HSTL, and
SSTL-2 directly
s Ultra low power consumption
s 20 ps typical channel-to-channel skew
s Power off protection
s
> 7.5 kV HBM ESD Protection
s Meets or exceeds the TIA/EIA-644-A LVDS standard
s Available in space saving 24-Lead TSSOP package
s Open circuit fail safe protection
s VBB reference output
Ordering Code:
Devices also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Pin Descriptions
Connection Diagram
Order Number
Package Number
Package Description
FIN1104MTC
MTC24
24-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Pin Name
Description
RIN1+, RIN2+,
RIN3+, RIN4+
Non-inverting LVDS Input
RIN1−, RIN2−,
RIN3−, RIN4−
Inverting LVDS Input
DOUT1+, DOUT2+,
DOUT3+, DOUT4+
Non-inverting Driver Output
DOUT1−, DOUT2−,
DOUT3−, DOUT4−
Inverting Driver Output
EN
Driver Enable Pin for All Output
EN
Inverting Driver Enable Pin for all Outputs
VCC
Power Supply
GND
Ground
VBB
Reference Voltage Output


Similar Part No. - FIN1104MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN1104MTC FAIRCHILD-FIN1104MTC Datasheet
358Kb / 6P
LVDS 4 Port High Speed Repeater
logo
ON Semiconductor
FIN1104MTC ONSEMI-FIN1104MTC Datasheet
451Kb / 8P
LVDS 4 Port High Speed Repeater
Revised January 2003
FIN1104MTCX ONSEMI-FIN1104MTCX Datasheet
451Kb / 8P
LVDS 4 Port High Speed Repeater
Revised January 2003
More results

Similar Description - FIN1104MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN1101 FAIRCHILD-FIN1101 Datasheet
267Kb / 6P
LVDS Single Port High Speed Repeater
FIN1102 FAIRCHILD-FIN1102 Datasheet
320Kb / 5P
LVDS 2 Port High Speed Repeater
FIN1104 FAIRCHILD-FIN1104 Datasheet
358Kb / 6P
LVDS 4 Port High Speed Repeater
FIN1108 FAIRCHILD-FIN1108 Datasheet
475Kb / 7P
LVDS 8 Port High Speed Repeater
FIN1108 FAIRCHILD-FIN1108_10 Datasheet
672Kb / 9P
LVDS 8-Port, High-Speed Repeater
logo
Texas Instruments
SN65LVDS116DGGR TI-SN65LVDS116DGGR Datasheet
339Kb / 19P
16-PORT LVDS REPEATER
SN65LVDS108 TI1-SN65LVDS108_14 Datasheet
587Kb / 21P
8-PORT LVDS REPEATER
logo
ON Semiconductor
FIN1101 ONSEMI-FIN1101 Datasheet
369Kb / 8P
LVDS Single Port High Speed Repeater
Revised September 2002
FIN1104 ONSEMI-FIN1104 Datasheet
451Kb / 8P
LVDS 4 Port High Speed Repeater
Revised January 2003
FIN1108 ONSEMI-FIN1108 Datasheet
693Kb / 11P
LVDS 8-Port, High-Speed Repeater
September 2010 Rev. 1.0.4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com