Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FIN1104MTC Datasheet(PDF) 5 Page - Powertip Technology

Part # FIN1104MTC
Description  LVDS 4 Port High Speed Repeater
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERTIP [Powertip Technology]
Direct Link  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

FIN1104MTC Datasheet(HTML) 5 Page - Powertip Technology

  FIN1104MTC Datasheet HTML 1Page - Powertip Technology FIN1104MTC Datasheet HTML 2Page - Powertip Technology FIN1104MTC Datasheet HTML 3Page - Powertip Technology FIN1104MTC Datasheet HTML 4Page - Powertip Technology FIN1104MTC Datasheet HTML 5Page - Powertip Technology FIN1104MTC Datasheet HTML 6Page - Powertip Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
www.fairchildsemi.com
FIGURE 4. AC Waveform
Note A: All LVTTL input pulses have frequency
= 10MHz, t
R or tF < = 2 ns
Note B: CL includes all probe and jig capacitances
FIGURE 5. Differential Driver Enable and Disable Circuit
FIGURE 6. Enable and Disable AC Waveforms



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com