Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FIN1104MTC Datasheet(PDF) 3 Page - Powertip Technology

Part # FIN1104MTC
Description  LVDS 4 Port High Speed Repeater
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERTIP [Powertip Technology]
Direct Link  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

FIN1104MTC Datasheet(HTML) 3 Page - Powertip Technology

  FIN1104MTC Datasheet HTML 1Page - Powertip Technology FIN1104MTC Datasheet HTML 2Page - Powertip Technology FIN1104MTC Datasheet HTML 3Page - Powertip Technology FIN1104MTC Datasheet HTML 4Page - Powertip Technology FIN1104MTC Datasheet HTML 5Page - Powertip Technology FIN1104MTC Datasheet HTML 6Page - Powertip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: The “Absolute Maximum Ratings”: are those values beyond which
damage to the device may occur. The databook specifications should be
met, without exception, to ensure that the system design is reliable over its
power supply, temperature and output/input loading variables. Fairchild
does not recommend operation of circuits outside databook specification.
DC Electrical Characteristics
Note 2: All typical values are at TA = 25°C and with VCC = 3.3V.
Supply Voltage (VCC)
−0.5V to +4.6V
LVDS DC Input Voltage (VIN)
−0.5V to +4.6V
LVDS DC Output Voltage (VOUT)
−0.5V to +4.6V
Driver Short Circuit Current (IOSD)
Continuous 10 mA
Storage Temperature Range (TSTG)
−65°C to +150°C
Max Junction Temperature (TJ)150°C
Lead Temperature (TL)
(Soldering, 10 seconds)
260
°C
ESD (Human Body Model)
7500V
ESD (Machine Model)
400V
Supply Voltage (VCC)
3.0V to 3.6V
Magnitude of Differential
Voltage (|VID|)
100 mV to VCC
Common Mode Voltage
Range (VIC)(0V + |VID|/2) to (VCC − |VID|/2)
Operating Temperature (TA)
−40°C to +85°C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
(Note 2)
VTH
Differential Input Threshold HIGH
See Figure 1; VIC = +0.05V, +1.2V, or VCC − 0.05V
100
mV
VTL
Differential Input Threshold LOW
See Figure 1; VIC = +0.05V, +1.2V, or VCC − 0.05V
−100
mV
VIH
Input HIGH Voltage (EN or EN)2.0
VCC
V
VIL
Input LOW Voltage (EN or EN)GND
0.8
V
VOD
Output Differential Voltage
250
330
450
mV
∆V
OD
VOD Magnitude Change from
25
mV
Differential LOW-to-HIGH
RL = 100 Ω, Driver Enabled,
VOS
Offset Voltage
See Figure 2
1.125
1.23
1.375
V
∆V
OS
Offset Magnitude Change from
25
mV
Differential LOW-to-HIGH
IOS
Short Circuit Output Current
DOUT+ = 0V and DOUT− = 0V,
−3.4
−6mA
Driver Enabled
VOD = 0V, Driver Enabled
±3.4
±6mA
IIN
Input Current (EN, EN, DINx+, DINx−)VIN = 0V to VCC, Other Input = VCC or 0V
±20
µA
(for Differential Inputs)
IOFF
Power Off Input or Output Current
VCC = 0V, VIN or VOUT = 0V to 3.6V
±20
µA
ICCZ
Disabled Power Supply Current
Drivers Disabled
5.4
11
mA
ICC
Power Supply Current
Drivers Enabled, Any Valid Input Condition
30.4
41
mA
IOZ
Disabled Output Leakage Current
Driver Disabled, DOUT+ = 0V to 3.6V or
±20
µA
DOUT− = 0V to3.6V
VIC
Common Mode Voltage Range
|VID| = 100 mV to VCC
0V
+ |V
ID|/2
VCC − (|VID|/2)
V
CIN
Input Capacitance
Enable Input
2.6
pF
LVDS Input
2.1
COUT
Output Capacitance
2.8
pF
VBB
Output Reference Voltage
VCC = 3.3V, IBB = 0 to −275 µA
1.125
1.2
1.375
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com