Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86U18 Datasheet (PDF) - Zilog, Inc.

Z86U18 Datasheet PDF - Zilog, Inc.
Part # Z86U18
Download  Z86U18 Download
File Size   277.32 Kbytes
Page   30 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description USB Device Controller with CMOS Z86K15 MCU

Z86U18 Datasheet (PDF)

Go To PDF Page Download Datasheet
Z86U18 Datasheet PDF - Zilog, Inc.

Part # Z86U18
Download  Z86U18 Click to download

File Size   277.32 Kbytes
Page   30 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description USB Device Controller with CMOS Z86K15 MCU

Z86U18 Datasheet (HTML) - Zilog, Inc.


Z86U18 Product details

GENERAL DESCRIPTION
The Z86U18 USB Controller is a member of the Z8¨ MCU family. The Z86U18 is characterized by a flexible I/O scheme, an efficient register architecture, and a number of ancillary features. It contains a dedicated USB interface (transceiver and SIE).
For applications demanding powerful I/O capabilities, the Z86U18 (40- and 44-pin versions) provides 32 pins dedicated to application input and output. These lines are grouped into four ports, each port consists of eight lines and are configurable under software control to provide timing, status signals, and serial or parallel I/O ports. It also has 2 pins to connect directly to the USB cable.

FEATURES
■ USB Serial Interface Engine, Transceiver, and MCU Intergrated for USB Function Controller
■ +4.0V to +5.5V Operating Range
■ Low Power Consumption: 60 mW @ 6 MHz
■ Digital Inputs CMOS Levels with Internal Pull-Up Resistors
■ Four Direct Connect LED Drive Ports
■ Power-On Reset (POR), Hardware Watch-Dog Timer (WDT)
■ Intergrated USB Transceiver @ 1.5 Mb/sec
■ For Use In A Variety of Applications Including Keyboards and Game Controllers
■ Programmable 8-Bit Counter/Timer, with 6-Bit Programmable Prescaler
■ Five Vectored, Priority Interrupts from Five Different Sources
■ On-Chip Oscillator, Which Accepts A Crystal, Ceramic Resonator, LC or External Clock Drive (all clock speeds @ 6 MHz)
■ Low System EMI Emission
■ HALT/STOP Modes




Similar Part No. - Z86U18

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8601 ZILOG-Z8601 Datasheet
636Kb / 17P
Full-duplex UART and two programmable 8-bit counter/timers, each with a 6-bit
Z86017 ZILOG-Z86017 Datasheet
1Mb / 138P
PCMCIA Interface Solution
Z8601720ASC ZILOG-Z8601720ASC Datasheet
1Mb / 138P
PCMCIA Interface Solution
Z8602 ZILOG-Z8602 Datasheet
41Kb / 5P
KEYBOARD CONTROLLER (KBC?? NMOS Z8 8-BIT MCU
Z8603 ZILOG-Z8603 Datasheet
636Kb / 17P
Full-duplex UART and two programmable 8-bit counter/timers, each with a 6-bit
More results


Similar Description - Z86U18

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66290AGP MITSUBISHI-M66290AGP Datasheet
435Kb / 53P
USB DEVICE CONTROLLER
logo
OKI electronic componet...
ML60851D OKI-ML60851D Datasheet
705Kb / 82P
USB Device Controller
ML60852 OKI-ML60852 Datasheet
451Kb / 81P
USB Device Controller
logo
List of Unclassifed Man...
PL-2351 ETC-PL-2351 Datasheet
31Kb / 1P
USB Device Controller
logo
OKI electronic componet...
ML60851A OKI-ML60851A Datasheet
325Kb / 45P
USB Device Controller
ML60851C OKI-ML60851C Datasheet
413Kb / 67P
USB Device Controller
ML60851E OKI-ML60851E Datasheet
358Kb / 84P
USB Device Controller
ML60852A OKI-ML60852A Datasheet
335Kb / 81P
USB Device Controller
logo
Agere Systems
USS-820FD AGERE-USS-820FD Datasheet
890Kb / 56P
USB Device Controller
Rev. 1 August 2004
logo
Renesas Technology Corp
M66290AGP RENESAS-M66290AGP Datasheet
451Kb / 54P
USB DEVICE CONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com