Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z89167 Datasheet (PDF) - Zilog, Inc.

Z89167 Datasheet PDF - Zilog, Inc.
Part # Z89167
Download  Z89167 Download
File Size   196.12 Kbytes
Page   22 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description DTAD CONTROLLERS

Z89167 Datasheet (PDF)

Go To PDF Page Download Datasheet
Z89167 Datasheet PDF - Zilog, Inc.

Part # Z89167
Download  Z89167 Click to download

File Size   196.12 Kbytes
Page   22 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description DTAD CONTROLLERS

Z89167 Datasheet (HTML) - Zilog, Inc.


Z89167 Product details

GENERAL DESCRIPTION
Zilogs Digital Voice Processor Controller family combines a Z8® microcontroller and a DSP processor on-chip for a cost-effective turnkey system in digital telephone answering devices and other voice processing applications.

FEATURES
■ Part          Z8 ROM   Z8 RAM* Speed
   Number    (KBytes)   (KBytes) (MHz)
   Z89165     24             236         20
   Z89166     ROMless  236         20
   Z89167     24             236         24
   Z89168     ROMless  236         24
   Z89169     32             236         24
  *General-Purpose
■ Part        DSP ROM   DSP RAM   Speed
   Number  (Words)       (Words)       (MHz)
   Z89165   6K               512              20
   Z89166   6K               512              20
   Z89167   8K               512              24
   Z89168   8K               512              24
   Z89169   8K               512              24
■ 68- and 84-Pin PLCC Packages
■ 4.5- to 5.5-Volt Operating Range
■ Low-Power Consumption (200 mW Typical)
■ 0°C to +70°C Temperature Range
■ 25 Expanded Register Files
■ 47 Input/Output Lines (Z89165)
    31 Input/Output Lines (Z89166)
    43 Input/Output Lines (Core Processor)
■ Six Vectored, Prioritized Z8 Interrupts with Programmable Polarity
■ Three Vectored, Prioritized DSP Interrupts with Programmable Polarity
■ Two Analog Comparators
■ Two Programmable Z8 8-Bit Counter/Timers, Each with Two 6-Bit Programmable Prescaler
■ Watch-Dog Timer /Power-On Reset
■ On-Chip Oscillator that Accepts a Crystal, Ceramic Resonator, LC, RC, or External Clock Drive
■ RAM and ROM Protect, Low-EMI Option




Similar Part No. - Z89167

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z89135 ZILOG-Z89135 Datasheet
328Kb / 66P
Low-Cost DTAD Controller
Z89136 ZILOG-Z89136 Datasheet
328Kb / 66P
Low-Cost DTAD Controller
Z89138 ZILOG-Z89138 Datasheet
436Kb / 66P
Voice Processing Controllers
Z89139 ZILOG-Z89139 Datasheet
436Kb / 66P
Voice Processing Controllers
Z89175 ZILOG-Z89175 Datasheet
446Kb / 68P
Voice Processing Controllers
More results


Similar Description - Z89167

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F243 TI-TMS320F243 Datasheet
1Mb / 116P
DSP CONTROLLERS
logo
Zilog, Inc.
Z89135 ZILOG-Z89135 Datasheet
328Kb / 66P
Low-Cost DTAD Controller
logo
Texas Instruments
TMS320LF2401A TI-TMS320LF2401A_09 Datasheet
1Mb / 88P
DSP CONTROLLERS
logo
Omron Electronics LLC
E53-C3 OMRON-E53-C3 Datasheet
141Kb / 9P
Temperature Controllers
E53-CN03N2 OMRON-E53-CN03N2 Datasheet
5Mb / 72P
Digital Temperature Controllers/Digital Controllers
logo
Texas Instruments
TMS320F243 TI1-TMS320F243_15 Datasheet
1Mb / 122P
DSP CONTROLLERS
TMS320LF2407A TI1-TMS320LF2407A_14 Datasheet
1Mb / 134P
DSP CONTROLLERS
logo
SICK AG
FX3-CPU230002 SICK-FX3-CPU230002 Datasheet
371Kb / 5P
SAFETY CONTROLLERS
UE410-MU4T0 SICK-UE410-MU4T0 Datasheet
319Kb / 6P
SAFETY CONTROLLERS
UE410-XU3T0 SICK-UE410-XU3T0 Datasheet
322Kb / 6P
SAFETY CONTROLLERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com