Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z89167 Datasheet(PDF) 3 Page - Zilog, Inc.

Part # Z89167
Description  DTAD CONTROLLERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89167 Datasheet(HTML) 3 Page - Zilog, Inc.

  Z89167 Datasheet HTML 1Page - Zilog, Inc. Z89167 Datasheet HTML 2Page - Zilog, Inc. Z89167 Datasheet HTML 3Page - Zilog, Inc. Z89167 Datasheet HTML 4Page - Zilog, Inc. Z89167 Datasheet HTML 5Page - Zilog, Inc. Z89167 Datasheet HTML 6Page - Zilog, Inc. Z89167 Datasheet HTML 7Page - Zilog, Inc. Z89167 Datasheet HTML 8Page - Zilog, Inc. Z89167 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3
Z89165/166/167/168/169
DTAD CONTROLLERS
ZILOG
CP96TAD0103
Port 0
P00
P01
P02
P03
P04
P05
P06
P07
P10
P11
P12
P13
P14
P15
P16
P17
P20
P21
P22
P23
P24
P25
P26
P27
P40
P41
P42
P43
P44
P45
P46
P47
P50
P51
P52
P53
Timer0
Port 4
Port 1
Port 5
Port 2
ARAM
Controller
Timer1
Register File
256 x 8-Bit
24 Kbytes (167)
32 Kbytes (169)
Program ROM
Z8 Core
Internal Register Bus
Timer3
Timer2
Power
ARAM
Control
I/O
(Bit
Programmable)
/RAS
/CAS
ARAM_R/W
ARAM_/OE
Address
or I/O
(Nibble
Programmable)
Address/Data
or I/O
(Byte
Programmable)
I/O
(Bit
Programmable)
DIN
DENA0
DCLK
DOUT
DENA1
PWM
(10-Bit)
Port 3
I/O
(Bit
Programmable)
Internal Address Bus
Internal Data Bus
8K Words
Program ROM
Address Bus
Data Bus
DSP
Core
Peripheral
Registers
(DSP)
Extended
Register File
(Z8)
Peripheral Data Bus of the DSP
Mailbox
Data0
Data1
Data2
Data3
ADDR0
ADDR1
ADDR2
ADDR3
ADDR4
ADDR5
ADDR6
ADDR7
ADDR8
ADDR9
ADDR10
ARAM_SEL0
ARAM_SEL1
Input
Output
P31
P32
P33
P34
P35
P36
P37
CODEC
Interface
RMLS
/AS
/DS
R/W
Z8 EXT.
Memory
Control
PWM
/RESET
VDD
GND
-5V
Control
Out -5V
OSC
XTAL1
XTAL2
GENERAL DESCRIPTION (Continued)
Z89167/168/169 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com