Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z89167 Datasheet(PDF) 4 Page - Zilog, Inc.

Part # Z89167
Description  DTAD CONTROLLERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89167 Datasheet(HTML) 4 Page - Zilog, Inc.

  Z89167 Datasheet HTML 1Page - Zilog, Inc. Z89167 Datasheet HTML 2Page - Zilog, Inc. Z89167 Datasheet HTML 3Page - Zilog, Inc. Z89167 Datasheet HTML 4Page - Zilog, Inc. Z89167 Datasheet HTML 5Page - Zilog, Inc. Z89167 Datasheet HTML 6Page - Zilog, Inc. Z89167 Datasheet HTML 7Page - Zilog, Inc. Z89167 Datasheet HTML 8Page - Zilog, Inc. Z89167 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
Z89165/166/167/168/169
DTAD CONTROLLERS
CP96TAD0103
ZILOG
Z89165 68-Pin PLCC Pin Identification
Z89166 68-Pin PLCC Pin Identification
Pin Name
Function Direction
+5V
Power
5V Power Input
(Digital Power)
GND
Power
Device Ground
(Digital Ground)
AN
AIN
8-Bit A to D Converter Input
Vref–
AIN
Low Reference Level for
A to D Converter
Vref+
AIN
High Reference Level for
A to D Converter
AN VDD
Power
ADC +5V Power
(Analog Power)
AN GND
Power
ADC Ground
(Analog Ground)
P00-P07 Data
I/O
General-Purpose I/O Port
P10-P17 Data
I/O
General-Purpose I/O Port
P20-P27 Data
I/O
General-Purpose I/O Port
Pin Identification
Pin Name
Function Direction
P31-P37 Data
I/O
General-Purpose I/O Port
P40-P47 Data
I/O
General-Purpose I/O Port
P50-P57 Data
I/O
General-Purpose I/O Port
DSP0-DSP1 Data 0
General-Purpose 0 Port
XTAL1
OSC1
20.48 MHz Crystal
Oscillator Input
XTAL2
OSC2
20.48 MHz Crystal
Oscillator Input
/RESET
I/O
System RESET
PWM
Out
10-Bit PWM, 5V TTL Output
Z89165
7
8
9
654321
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
68 67 66 65 64 63 62 61
27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
VREF+
ANIN
VREF-
ANGND
/AS
/RESET
R//W
PWM
P10
P47
P11
P46
P53
P45
P44
P43
N/C
XTAL2
XTAL1
P22
P56
P23
P55
P54
GND
P17
P05
P24
P16
P25
P15
P26
P27
N/C
PIN DESCRIPTION
Z89166
7
8
9
654321
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
68 67 66 65 64 63 62 61
27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
VREF+
ANIN
VREF-
ANGND
/AS
/RESET
R//W
PWM
P10
P47
P11
P46
P53
P45
P44
P43
/SYNC
XTAL2
XTAL1
P22
P56
P23
P55
P54
GND
P17
P05
P24
P16
P25
P15
P26
P27
SCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com