Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z89167 Datasheet(PDF) 14 Page - Zilog, Inc.

Part # Z89167
Description  DTAD CONTROLLERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89167 Datasheet(HTML) 14 Page - Zilog, Inc.

Back Button Z89167 Datasheet HTML 10Page - Zilog, Inc. Z89167 Datasheet HTML 11Page - Zilog, Inc. Z89167 Datasheet HTML 12Page - Zilog, Inc. Z89167 Datasheet HTML 13Page - Zilog, Inc. Z89167 Datasheet HTML 14Page - Zilog, Inc. Z89167 Datasheet HTML 15Page - Zilog, Inc. Z89167 Datasheet HTML 16Page - Zilog, Inc. Z89167 Datasheet HTML 17Page - Zilog, Inc. Z89167 Datasheet HTML 18Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
14
Z89165/166/167/168/169
DTAD CONTROLLERS
CP96TAD0103
ZILOG
AC CHARACTERISTICS
Z89165/166
External I/O or Memory Read and Write Timing Table
V
CC
T
A=0°C to +70°C
No
Symbol
Parameter
Note [4]
Min
Max
Units
Notes
1
TdA(AS)
Address Valid to /AS Rise Delay
5.0V
25
ns
[2,3]
2
TdAS(A)
/AS Rise to Address Float Delay
5.0V
35
ns
[2,3]
3
TdAS(DR)
/AS Rise to Read Data Req’d Valid
5.0V
150
ns
[1,2,3]
4
TwAS
/AS Low Width
5.0V
35
ns
[2,3]
5
TdAZ(DS)
Address Float to /DS Fall
5.0V
-3
ns
6
TwDSR
/DS (Read) Low Width
5.0V
125
ns
[1,2,3]
7
TwDSW
/DS (Write) Low Width
5.0V
75
ns
[1,2,3]
8
TdDSR(DR)
/DS Fall to Read Data Req’d Valid
5.0V
90
ns
[1,2,3]
9
ThDR(DS)
Read Data to /DS Rise Hold Time
5.0V
0
ns
[2,3]
10
TdDS(A)
/DS Rise to Address Active Delay
5.0V
40
ns
[2,3]
11
TdDS(AS)
/DS Rise to /AS Fall Delay
5.0V
35
ns
[2,3]
12
TdR/W(AS)
R//W Valid to /AS Rise Delay
5.0V
25
ns
[2,3]
13
TdDS(R/W)
/DS Rise to R//W Not Valid
5.0V
35
ns
[2,3]
14
TdDW(DSW) Write Data Valid to /DS Fall (Write) Delay
5.0V
40
ns
[2,3]
15
TdDS(DW)
/DS Rise to Write Data Not Valid Delay
5.0V
25
ns
[2,3]
16
TdA(DR)
Address Valid to Read Data Req’d Valid
5.0V
180
ns
[1,2,3]
17
TdAS(DS)
/AS Rise to /DS Fall Delay
5.0V
48
ns
[2,3]
18
TdDI(DS)
Data Input Setup to /DS Rise
5.0V
50
ns
[1,2,3]
19
TdDM(AS)
/DM Valid to /AS Fall Delay
5.0V
20
ns
[2,3]
Notes:
[1] When using extended memory timing add 2 TpC.
[2] Timing numbers given are for minimum TpC.
[3] See clock cycle dependent characteristics table.
[4] 5.0 V
± 0.5 V.
Standard Test Load
All timing references use 0.9 V
CC for a logic 1 and 0.1 VCC for a logic 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com