Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT13003NZ Datasheet (PDF) - Diodes Incorporated

APT13003NZ Datasheet PDF - Diodes Incorporated
Part # APT13003NZ
Download  APT13003NZ Download
File Size   443.12 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 530V NPN HIGH VOLTAGE POWER TRANSISTOR IN TO92

APT13003NZ Datasheet (PDF)

Go To PDF Page Download Datasheet
APT13003NZ Datasheet PDF - Diodes Incorporated

Part # APT13003NZ
Download  APT13003NZ Click to download

File Size   443.12 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 530V NPN HIGH VOLTAGE POWER TRANSISTOR IN TO92

APT13003NZ Datasheet (HTML) - Diodes Incorporated


APT13003NZ Product details

Features
• BVCEO > 530V
• BVCES > 900V
• BVEBO > 10V
• IC = 1.5A high Continuous Collector Current
• High Switching Speed
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)

Applications
Low Power AC-DC SMPS for:
• Battery Chargers for Mobile Phone / Tablets / Smartphones
• Power Supply for DVD / STB
• LED Lighting




Similar Part No. - APT13003NZ

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
APT13003D BCDSEMI-APT13003D Datasheet
655Kb / 11P
HIGH VOLTAGE FAST SWITCHING NPN POWER TRANSISTOR
APT13003DI-G1 BCDSEMI-APT13003DI-G1 Datasheet
655Kb / 11P
HIGH VOLTAGE FAST SWITCHING NPN POWER TRANSISTOR
APT13003DU-G1 BCDSEMI-APT13003DU-G1 Datasheet
655Kb / 11P
HIGH VOLTAGE FAST SWITCHING NPN POWER TRANSISTOR
APT13003DZ-G1 BCDSEMI-APT13003DZ-G1 Datasheet
655Kb / 11P
HIGH VOLTAGE FAST SWITCHING NPN POWER TRANSISTOR
APT13003DZTR-G1 BCDSEMI-APT13003DZTR-G1 Datasheet
655Kb / 11P
HIGH VOLTAGE FAST SWITCHING NPN POWER TRANSISTOR
More results


Similar Description - APT13003NZ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD616A STMICROELECTRONICS-STD616A_03 Datasheet
122Kb / 6P
HIGH VOLTAGE NPN POWER TRANSISTOR
Jun-2003
STX616 STMICROELECTRONICS-STX616 Datasheet
111Kb / 8P
High voltage NPN power transistor
22-Oct-2007
logo
Diodes Incorporated
APT27H DIODES-APT27H_15 Datasheet
340Kb / 5P
450V NPN HIGH VOLTAGE POWER TRANSISTOR IN TO92
Rev 2
DXT13003EK DIODES-DXT13003EK_15 Datasheet
323Kb / 7P
460V NPN HIGH VOLTAGE POWER TRANSISTOR IN TO252
Rev 1
DXT13003DK DIODES-DXT13003DK_15 Datasheet
310Kb / 6P
450V NPN HIGH VOLTAGE POWER TRANSISTOR IN TO252
Rev 1
DXT13003DG DIODES-DXT13003DG_15 Datasheet
377Kb / 6P
450V NPN HIGH VOLTAGE POWER TRANSISTOR IN SOT223
Rev 1
FZT657 DIODES-FZT657_15 Datasheet
616Kb / 7P
300V NPN MEDIUM POWER HIGH VOLTAGE TRANSISTOR IN SOT223
Rev 5
DXT13003DG DIODES-DXT13003DG Datasheet
377Kb / 6P
450V NPN HIGH VOLTAGE POWER TRANSISTOR IN SOT223
May 2014
DXT13003EK DIODES-DXT13003EK Datasheet
416Kb / 7P
460V NPN HIGH VOLTAGE POWER TRANSISTOR IN TO252
February 2019
logo
Inchange Semiconductor ...
ISB3026 ISC-ISB3026 Datasheet
277Kb / 2P
High Voltage NPN Power Transistor
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com