Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7986ATR Datasheet (PDF) - STMicroelectronics

R7986ATR Datasheet PDF - STMicroelectronics
Part # R7986ATR
Download  R7986ATR Download
File Size   909.19 Kbytes
Page   37 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3 A step-down switching regulator for aerospace applications

R7986ATR Datasheet (PDF)

Go To PDF Page Download Datasheet
R7986ATR Datasheet PDF - STMicroelectronics

Part # R7986ATR
Download  R7986ATR Click to download

File Size   909.19 Kbytes
Page   37 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3 A step-down switching regulator for aerospace applications

R7986ATR Datasheet (HTML) - STMicroelectronics


R7986ATR Product details

Description
The R7986A is a step-down switching regulator with a 3.7 A (min.) current limited embedded power MOSFET, so it is able to deliver up to 3 A current to the load depending on the application conditions. The input voltage can range from 4.5 V to 38 V, while the output voltage can be set starting from 0.6 V to VIN. Requiring a minimum set of external components, the device includes an internal 250 kHz switching frequency oscillator that can be externally adjusted up to 1 MHz. The large ambient temperature range makes it ideal for aerospace and defense applications. The HSOP8 package with exposed pad allows the reduction of Rth(JA) down to 40 °C/W. HSOP8 exposed pad




Similar Part No. - R7986ATR

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R79GC2390AA40H KEMET-R79GC2390AA40H Datasheet
1Mb / 16P
R79 Series Single Metallized Polypropylene Film, Radial, 5 mm Lead Spacing, Multipurpose Applications
R79GC2390AA40J KEMET-R79GC2390AA40J Datasheet
1Mb / 16P
R79 Series Single Metallized Polypropylene Film, Radial, 5 mm Lead Spacing, Multipurpose Applications
R79GC2390AA40K KEMET-R79GC2390AA40K Datasheet
1Mb / 16P
R79 Series Single Metallized Polypropylene Film, Radial, 5 mm Lead Spacing, Multipurpose Applications
R79GC2390AA45H KEMET-R79GC2390AA45H Datasheet
1Mb / 16P
R79 Series Single Metallized Polypropylene Film, Radial, 5 mm Lead Spacing, Multipurpose Applications
R79GC2390AA45J KEMET-R79GC2390AA45J Datasheet
1Mb / 16P
R79 Series Single Metallized Polypropylene Film, Radial, 5 mm Lead Spacing, Multipurpose Applications
More results


Similar Description - R7986ATR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5987 STMICROELECTRONICS-L5987 Datasheet
1Mb / 42P
3 A step-down switching regulator
29-Aug-2008
L7986TA STMICROELECTRONICS-L7986TA Datasheet
784Kb / 43P
3 A step-down switching regulator
16-Oct-2012
L7981ATR STMICROELECTRONICS-L7981ATR Datasheet
1Mb / 44P
3 A step-down switching regulator
01-Jul-2010
A7986A STMICROELECTRONICS-A7986A Datasheet
1Mb / 42P
3 A step-down switching regulator for automotive applications
12-Aug-2013
L7981ATR STMICROELECTRONICS-L7981ATR Datasheet
1Mb / 44P
3 A step-down switching regulator
01-Jul-2010
L7986TR STMICROELECTRONICS-L7986TR Datasheet
1Mb / 43P
3 A step-down switching regulator
05-Sep-2014
R5972D STMICROELECTRONICS-R5972D Datasheet
1Mb / 35P
Up to 1.5 A step-down switching regulator for aerospace applications
01-Oct-2014
R5973AD STMICROELECTRONICS-R5973AD Datasheet
1Mb / 38P
Up to 1.5 A step-down switching regulator for aerospace applications
10-Oct-2014
R5973D STMICROELECTRONICS-R5973D Datasheet
1Mb / 39P
Up to 2 A step-down switching regulator for aerospace applications
29-Sep-2014
R5975D STMICROELECTRONICS-R5975D Datasheet
1Mb / 47P
Up to 3 A step-down switching regulator for aerospace applications
06-Oct-2014
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com