Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7986ATR Datasheet(PDF) 1 Page - STMicroelectronics

Part # R7986ATR
Description  3 A step-down switching regulator for aerospace applications
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R7986ATR Datasheet(HTML) 1 Page - STMicroelectronics

  R7986ATR Datasheet HTML 1Page - STMicroelectronics R7986ATR Datasheet HTML 2Page - STMicroelectronics R7986ATR Datasheet HTML 3Page - STMicroelectronics R7986ATR Datasheet HTML 4Page - STMicroelectronics R7986ATR Datasheet HTML 5Page - STMicroelectronics R7986ATR Datasheet HTML 6Page - STMicroelectronics R7986ATR Datasheet HTML 7Page - STMicroelectronics R7986ATR Datasheet HTML 8Page - STMicroelectronics R7986ATR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
This is preliminary information on a new product foreseen to be developed. Details are subject to change without notice.
October 2014
DocID026997 Rev 1
1/37
R7986A
3 A step-down switching regulator for aerospace applications
Datasheet
- target specification
Features
 General features
– 3 A DC output current
– 4.5 V to 38 V input voltage
– Large ambient temperature range:
-40 °C to 125 °C
– Output voltage adjustable from 0.6 V
– 250 kHz switching frequency,
programmable up to 1 MHz
– Internal soft-start and enable
– Low dropout operation: 100% duty cycle
– Voltage feed-forward
– Zero load current operation
– Overcurrent and thermal protection
– HSOP8 package
 Aerospace and defense features
– Suitable for use in aerospace and defense
applications
– Dedicated traceability and part marking
– Production parts approval documents
available
– Adapted extended life time and
obsolescence management
– Extended product change notification
process
– Designed and manufactured to meet sub-
ppm quality goals
– Advanced mold and frame designs for
superior resilience in harsh environments
(acceleration, EMI, thermal, humidity)
– Extended screening capability on request
Applications
 Dedicated to aerospace applications
 Aerospace LED driving
Description
The R7986A is a step-down switching regulator
with a 3.7 A (min.) current limited embedded
power MOSFET, so it is able to deliver up to 3 A
current to the load depending on the application
conditions.
The input voltage can range from 4.5 V to 38 V,
while the output voltage can be set starting from
0.6 V to VIN.
Requiring a minimum set of external components,
the device includes an internal 250 kHz switching
frequency oscillator that can be externally
adjusted up to 1 MHz. The large ambient
temperature range makes it ideal for aerospace
and defense applications.
The HSOP8 package with exposed pad allows
the reduction of Rth(JA) down to 40 °C/W.
HSOP8 exposed pad
www.st.com


Similar Part No. - R7986ATR

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R79GC2390AA40H KEMET-R79GC2390AA40H Datasheet
1Mb / 16P
R79 Series Single Metallized Polypropylene Film, Radial, 5 mm Lead Spacing, Multipurpose Applications
R79GC2390AA40J KEMET-R79GC2390AA40J Datasheet
1Mb / 16P
R79 Series Single Metallized Polypropylene Film, Radial, 5 mm Lead Spacing, Multipurpose Applications
R79GC2390AA40K KEMET-R79GC2390AA40K Datasheet
1Mb / 16P
R79 Series Single Metallized Polypropylene Film, Radial, 5 mm Lead Spacing, Multipurpose Applications
R79GC2390AA45H KEMET-R79GC2390AA45H Datasheet
1Mb / 16P
R79 Series Single Metallized Polypropylene Film, Radial, 5 mm Lead Spacing, Multipurpose Applications
R79GC2390AA45J KEMET-R79GC2390AA45J Datasheet
1Mb / 16P
R79 Series Single Metallized Polypropylene Film, Radial, 5 mm Lead Spacing, Multipurpose Applications
More results

Similar Description - R7986ATR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5987 STMICROELECTRONICS-L5987 Datasheet
1Mb / 42P
3 A step-down switching regulator
29-Aug-2008
L7986TA STMICROELECTRONICS-L7986TA Datasheet
784Kb / 43P
3 A step-down switching regulator
16-Oct-2012
L7981ATR STMICROELECTRONICS-L7981ATR Datasheet
1Mb / 44P
3 A step-down switching regulator
01-Jul-2010
A7986A STMICROELECTRONICS-A7986A Datasheet
1Mb / 42P
3 A step-down switching regulator for automotive applications
12-Aug-2013
L7981ATR STMICROELECTRONICS-L7981ATR Datasheet
1Mb / 44P
3 A step-down switching regulator
01-Jul-2010
L7986TR STMICROELECTRONICS-L7986TR Datasheet
1Mb / 43P
3 A step-down switching regulator
05-Sep-2014
R5972D STMICROELECTRONICS-R5972D Datasheet
1Mb / 35P
Up to 1.5 A step-down switching regulator for aerospace applications
01-Oct-2014
R5973AD STMICROELECTRONICS-R5973AD Datasheet
1Mb / 38P
Up to 1.5 A step-down switching regulator for aerospace applications
10-Oct-2014
R5973D STMICROELECTRONICS-R5973D Datasheet
1Mb / 39P
Up to 2 A step-down switching regulator for aerospace applications
29-Sep-2014
R5975D STMICROELECTRONICS-R5975D Datasheet
1Mb / 47P
Up to 3 A step-down switching regulator for aerospace applications
06-Oct-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com