Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7986ATR Datasheet(PDF) 15 Page - STMicroelectronics

Part # R7986ATR
Description  3 A step-down switching regulator for aerospace applications
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R7986ATR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button R7986ATR Datasheet HTML 11Page - STMicroelectronics R7986ATR Datasheet HTML 12Page - STMicroelectronics R7986ATR Datasheet HTML 13Page - STMicroelectronics R7986ATR Datasheet HTML 14Page - STMicroelectronics R7986ATR Datasheet HTML 15Page - STMicroelectronics R7986ATR Datasheet HTML 16Page - STMicroelectronics R7986ATR Datasheet HTML 17Page - STMicroelectronics R7986ATR Datasheet HTML 18Page - STMicroelectronics R7986ATR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
DocID026997 Rev 1
15/37
R7986A
Application information
37
6
Application information
Figure 8. Application circuit
6.1
Input capacitor selection
The capacitor connected to the input must be capable of supporting the maximum input
operating voltage and the maximum RMS input current required by the device. The input
capacitor is subject to a pulsed current, the RMS value of which is dissipated over its ESR,
affecting the overall system efficiency.
So the input capacitor must have an RMS current rating higher than the maximum RMS
input current and an ESR value compliant with the expected efficiency.
The maximum RMS input current flowing through the capacitor can be calculated as:
Equation 6
where Io is the maximum DC output current, D is the duty cycle, and is the efficiency.
Considering
, this function has a maximum at D = 0.5 and is equal to Io/2.
In a specific application the range of possible duty cycles must be considered in order to find
out the maximum RMS input current. The maximum and minimum duty cycles can be
calculated as:
Equation 7
IRMS
IO
D
2D
2
---------------
–
D
2
2
-------
+
=
DMAX
VOUT VF
+
VINMIN VSW
–
-------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com