Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7986ATR Datasheet(PDF) 19 Page - STMicroelectronics

Part # R7986ATR
Description  3 A step-down switching regulator for aerospace applications
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R7986ATR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button R7986ATR Datasheet HTML 15Page - STMicroelectronics R7986ATR Datasheet HTML 16Page - STMicroelectronics R7986ATR Datasheet HTML 17Page - STMicroelectronics R7986ATR Datasheet HTML 18Page - STMicroelectronics R7986ATR Datasheet HTML 19Page - STMicroelectronics R7986ATR Datasheet HTML 20Page - STMicroelectronics R7986ATR Datasheet HTML 21Page - STMicroelectronics R7986ATR Datasheet HTML 22Page - STMicroelectronics R7986ATR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
DocID026997 Rev 1
19/37
R7986A
Application information
37
6.4
Compensation network
The compensation network must assure stability and good dynamic performance. The loop
of the R7986A is based on the voltage mode control. The error amplifier is a voltage
operational amplifier with high bandwidth. So by selecting the compensation network, the
EA is considered as ideal, that is, its bandwidth is much larger than the system one.
The transfer function of the PWM modulator, from the error amplifier output (COMP pin) to
the OUT pin (see Figure 10) results:
Equation 16
where VS is the sawtooth amplitude. As seen in Section 5.1 on page 9, the voltage feed-
forward generates a sawtooth amplitude directly proportional to the input voltage, that is:
Equation 17
In this way the PWM modulator gain results constant and equal to:
Equation 18
The synchronization of the device with an external clock provided trough the SYNCH pin
can modify the PWM modulator gain (see Section 5.1 on page 9 to understand how this gain
changes and how to keep it constant in spite of the external synchronization).
Figure 9. The error amplifier, the PWM modulation and the LC output filter
GPW0
VIN
Vs
---------
=
VS
KVIN
=
GPW0
VIN
Vs
---------
1
K
----
18
==
=
FB
COMP
V
REF
E/A
PWM
V
S
OUT
V
CC
C
OUT
ESR
L
G
PW0
G
LC
FB
COMP
V
REF
E/A
PWM
V
S
OUT
V
CC
C
OUT
ESR
L
G
PW0
G
LC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com