Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7986ATR Datasheet(PDF) 25 Page - STMicroelectronics

Part # R7986ATR
Description  3 A step-down switching regulator for aerospace applications
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R7986ATR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button R7986ATR Datasheet HTML 21Page - STMicroelectronics R7986ATR Datasheet HTML 22Page - STMicroelectronics R7986ATR Datasheet HTML 23Page - STMicroelectronics R7986ATR Datasheet HTML 24Page - STMicroelectronics R7986ATR Datasheet HTML 25Page - STMicroelectronics R7986ATR Datasheet HTML 26Page - STMicroelectronics R7986ATR Datasheet HTML 27Page - STMicroelectronics R7986ATR Datasheet HTML 28Page - STMicroelectronics R7986ATR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
DocID026997 Rev 1
25/37
R7986A
Application information
37
The guidelines for positioning the poles and the zeroes and for calculating the component
values can be summarized as follows:
1.
Choose a value for R1, usually between 1 k and 5 k, in order to have values of C4
and C5 not comparable with parasitic capacitance of the board.
2.
Choose a gain (R4/R1) in order to have the required bandwidth (BW), that means:
Equation 30
where fESR is the ESR zero:
Equation 31
and Vs is the sawtooth amplitude. The voltage feed-forward keeps the ratio Vs/Vin constant.
3.
Calculate C4 by placing the zero one decade below the output filter double pole:
Equation 32
4.
Then calculate C3 in order to place the second pole at four times the system bandwidth
(BW):
Equation 33
For example with VOUT = 5 V, VIN = 24 V, IO = 3 A, L = 18 H, COUT = 330 F, and
ESR = 35 m
 the Type II compensation network is:
In Figure 15, the module and phase of the open loop gain is shown. The bandwidth is about
21 kHz and the phase margin is 45°.
R4
fESR
fLC
------------


2
BW
fESR
------------
VS
VIN
--------- R1

=
fESR
1
2
 ESR C
OUT

--------------------------------------------
=
C4
10
2
 R
4 fLC

-------------------------------
=
C5
C4
2
 R
4 C4 4BW
1
–

--------------------------------------------------------------
=
R1 1.1k
=
R2 150
=
R4 4.99k
=
C4 82nF
=
C5 68pF
=




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com