Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SEA05L Datasheet (PDF) - STMicroelectronics

SEA05L Datasheet PDF - STMicroelectronics
Part # SEA05L
Download  SEA05L Download
File Size   282.23 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Advanced constant voltage and constant current controller with very efficient LED pilot-lamp driver

SEA05L Datasheet (PDF)

Go To PDF Page Download Datasheet
SEA05L Datasheet PDF - STMicroelectronics

Part # SEA05L
Download  SEA05L Click to download

File Size   282.23 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Advanced constant voltage and constant current controller with very efficient LED pilot-lamp driver

SEA05L Datasheet (HTML) - STMicroelectronics


SEA05L Product details

Description
The device is a highly integrated solution for SMPS applications, with an LED pilot-lamp requiring a dual control loop to perform CV (constant voltage) and CC (constant current) regulation. The IC allows very efficient LED pilot-lamp driving which helps to reduce the standby consumption of the SMPS. It integrates a voltage reference, two op-amps (with OR-ed open-drain outputs), a lowside current sensing circuit and an LED pilot-lamp driver pin implemented with an open-drain mosfet driven by square waveform with 12.5% duty cycle at 1 kHz that allows reducing LED consumption.

Features
■ Constant voltage and constant current control
■ Very efficient LED pilot-lamp driver
■ Wide operating VCC range (3.5 V - 36 V)
■ Low quiescent consumption: 250 µA
■ Voltage reference: 2.5 V
■ Voltage control loop accuracy ± 0.5%
■ Current sense threshold: 50 mV
■ Current control loop accuracy ± 4%
■ Low external component count
■ Open-drain output stage
■ SOT23-6L package

Applications
■ AC-DC adapter with LED pilot-lamp
■ Battery chargers with LED pilot-lamp
■ SMPS with LED pilot-lamp




Similar Part No. - SEA05L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SEA05LTR STMICROELECTRONICS-SEA05LTR Datasheet
266Kb / 12P
Advanced constant voltage and constant current controller
23-Feb-2011
More results


Similar Description - SEA05L

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE1052 SEAWARD-SE1052 Datasheet
288Kb / 8P
Constant Voltage and Constant Current Controller
logo
STMicroelectronics
SEA05TR STMICROELECTRONICS-SEA05TR Datasheet
248Kb / 11P
Advanced constant voltage and constant current controller
26-Apr-2010
logo
BCD Semiconductor Manuf...
AP4306 BCDSEMI-AP4306 Datasheet
705Kb / 12P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4313 BCDSEMI-AP4313_10 Datasheet
685Kb / 12P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
STMicroelectronics
SEA05LTR STMICROELECTRONICS-SEA05LTR Datasheet
266Kb / 12P
Advanced constant voltage and constant current controller
23-Feb-2011
logo
Unisonic Technologies
UM608 UTC-UM608_15 Datasheet
221Kb / 4P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Diodes Incorporated
AP4312Q DIODES-AP4312Q Datasheet
562Kb / 11P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 4
logo
STMicroelectronics
SEA05 STMICROELECTRONICS-SEA05 Datasheet
261Kb / 10P
Advanced constant voltage and constant current controller
26-Apr-2010
logo
Diodes Incorporated
AP4305 DIODES-AP4305 Datasheet
451Kb / 10P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 2
AP4313 DIODES-AP4313 Datasheet
359Kb / 9P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 2
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com