Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SEA05L Datasheet(PDF) 6 Page - STMicroelectronics

Part # SEA05L
Description  Advanced constant voltage and constant current controller with very efficient LED pilot-lamp driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SEA05L Datasheet(HTML) 6 Page - STMicroelectronics

Back Button SEA05L Datasheet HTML 2Page - STMicroelectronics SEA05L Datasheet HTML 3Page - STMicroelectronics SEA05L Datasheet HTML 4Page - STMicroelectronics SEA05L Datasheet HTML 5Page - STMicroelectronics SEA05L Datasheet HTML 6Page - STMicroelectronics SEA05L Datasheet HTML 7Page - STMicroelectronics SEA05L Datasheet HTML 8Page - STMicroelectronics SEA05L Datasheet HTML 9Page - STMicroelectronics SEA05L Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Application information
SEA05L
6/12
Doc ID 18462 Rev 1
2
Application information
Figure 3.
Typical application schematic
2.1
Voltage and current control
Voltage control
The voltage loop is controlled via a transconductance operational amplifier, the voltage
divider R1, R2, and the optocoupler which is directly connected to the output. It is possible to
choose the values of R1 and R2 resistors using Equation 1 and Equation 2:
Equation 1
Equation 2
where VO is the desired output voltage.
As an example, with R1 = 100 kΩ and R2 = 15 kΩ VO = 19.17 V.
Vo
Io
R1
R2
0.1μF
Rsense
V
R
R
R
VO
5
.
2
*
2
2
1
+
=
sense
O
R
V
I
05
.
0
max
=
Out
LD
Vctrl
Isense
+
-
+
-
1.23 V
2.5 V
1
2
5
3
4
6
Vcc
50m V
OSC
GND
LED
AM04986v1
2
2
1
)
(
R
R
R
Vctrl
V
O
+
∗
=
Vctrl
Vctrl
V
R
R
O
)
(
2
1
+
∗
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com