Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SEA05L Datasheet(PDF) 8 Page - STMicroelectronics

Part # SEA05L
Description  Advanced constant voltage and constant current controller with very efficient LED pilot-lamp driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SEA05L Datasheet(HTML) 8 Page - STMicroelectronics

Back Button SEA05L Datasheet HTML 4Page - STMicroelectronics SEA05L Datasheet HTML 5Page - STMicroelectronics SEA05L Datasheet HTML 6Page - STMicroelectronics SEA05L Datasheet HTML 7Page - STMicroelectronics SEA05L Datasheet HTML 8Page - STMicroelectronics SEA05L Datasheet HTML 9Page - STMicroelectronics SEA05L Datasheet HTML 10Page - STMicroelectronics SEA05L Datasheet HTML 11Page - STMicroelectronics SEA05L Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Application information
SEA05L
8/12
Doc ID 18462 Rev 1
Figure 4.
Output voltage versus output current
2.2
Compensation
The voltage control transconductance operational amplifier can be fully compensated. Both
its output and negative input are directly accessible for external compensation components.
2.3
LD pin function
The device provides a unique feature that allows highly efficient driving of an LED pilot-lamp.
The main benefit of this new feature is to allow reducing the standby power consumption of
the SMPS with the LED pilot-lamp.
The LD pin is an open-drain output able to sink 5 mA (peak), driven by the internal oscillator
at 1 kHz (typ.) square waveform with 12.5% duty cycle (see Figure 6). The internal mosfet
starts to switch when VCC is above the turn-on threshold (typ 3 V) and it is off (LD high
impedance) when VCC is below the UVLO of the IC.
Connecting the LED pilot-lamp, with a resistor in series in order to limit the LED current, to
pin LD (as shown in Figure 5) reduces the power consumption of the LED while keeping the
same driving peak current. The LED driving current modulation frequency of 1 kHz (typ.)
eliminates the visual perception of flickering.
Vout
Iout
V o ltage re gula tion
V c c of the de vice in dependent from outp ut vo ltage)
(
AM04987v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com