Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SEA05L Datasheet(PDF) 3 Page - STMicroelectronics

Part # SEA05L
Description  Advanced constant voltage and constant current controller with very efficient LED pilot-lamp driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SEA05L Datasheet(HTML) 3 Page - STMicroelectronics

  SEA05L Datasheet HTML 1Page - STMicroelectronics SEA05L Datasheet HTML 2Page - STMicroelectronics SEA05L Datasheet HTML 3Page - STMicroelectronics SEA05L Datasheet HTML 4Page - STMicroelectronics SEA05L Datasheet HTML 5Page - STMicroelectronics SEA05L Datasheet HTML 6Page - STMicroelectronics SEA05L Datasheet HTML 7Page - STMicroelectronics SEA05L Datasheet HTML 8Page - STMicroelectronics SEA05L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SEA05L
Operation
Doc ID 18462 Rev 1
3/12
1
Operation
Figure 2.
Pin configuration
Table 2.
Absolute maximum ratings
Symbol
Pin
Parameter
Value
Unit
VCC
6
DC supply voltage
–0.3 to 38
V
Vout
5
Open-drain voltage
–0.3 to VCC
V
Iout
5
Max. sink current
20
mA
VLD
4
Open-drain voltage
–0.3 to VCC
V
ILD
4
Max. sink current
15
mA
Isense
1
Analog input
–0.3 to VCC
V
Vctrl
3
Analog input
–0.3 to VCC < 12
(1)
1.
Vctrl cannot exceed VCC and cannot exceed 12 V.
V
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rth j-amb
Thermal resistance, junction-to-ambient
250
°C/W
Tjop
Junction temperature operating range
–40 to 150
°C
Tstg
Storage temperature
–55 to 150
Table 4.
Pin functions
Pin number
Name
Function
1
Isense
Inverting input of the current loop op-amp. The pin is typically used for the
current control loop, connecting it to the positive end of the current sense
resistor through a decoupling resistor.
2GND
Ground. Return of the bias current of the device. 0 V reference for all
voltages. The pin has to be tied as close as possible to the ground output
terminal of the converter to minimize load current effect on the voltage
regulation setpoint.
Vcc
Out
LD
Isense
Vctrl
GND
1
2
3
6
5
4
1
2
3
6
5
4
1
2
3
6
5
4
1
2
3
6
5
4
AM04985v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com