Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320S Datasheet (PDF) - STMicroelectronics

SPEAR320S Datasheet PDF - STMicroelectronics
Part # SPEAR320S
Download  SPEAR320S Download
File Size   1524.29 Kbytes
Page   113 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Embedded MPU with ARM926 core for industrial and consumer applications

SPEAR320S Datasheet (PDF)

Go To PDF Page Download Datasheet
SPEAR320S Datasheet PDF - STMicroelectronics

Part # SPEAR320S
Download  SPEAR320S Click to download

File Size   1524.29 Kbytes
Page   113 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Embedded MPU with ARM926 core for industrial and consumer applications

SPEAR320S Datasheet (HTML) - STMicroelectronics


SPEAR320S Product details

Features
■ ARM926EJ-S CPU core, up to 333 MHz
■ Multilayer bus matrix, up to 166 MHz
■ Internal memories: 32 KB ROM, 8 KB SRAM
■ Memory interfaces: – DDR controller (DDR2-666, LPDDR-333), 8-/16-bit – Serial NOR Flash controller – Parallel NAND Flash controller, 8-/16-bit data bus – Parallel NOR Flash/FPGA interface, 8-/16-bit data bus
■ Connectivity: – 2 x USB 2.0 Host ports (integrated PHY) – 1 x USB 2.0 Device port (integrated PHY) – 2 x Fast Ethernet ports (external MII/RMII PHY) – 1 x MMC-SD card/SDIO controller – 2 x CAN 2.0 ports – 7 x UART ports – 3 x I2C ports: master/slave – 3 x synchronous serial ports, SPI/Microwire/TI protocols, master/slave – 1 x RS485 interface – 1 x fast IrDA interface – 1 x legacy parallel port (IEEE 1284), slave mode – 10-bit ADC, 8 channels, 1 Msps – Up to 102 GPIOs with interrupt capability
■ HMI support: – LCD display controller, up to XGA (1024 x 768, 24 bpp) – Resistive touchscreen interface – JPEG codec accelerator – 1 x I2S digital audio port
■ Security – Cryptographic co-processor
■ Miscellaneous functions: – System controller, vectored interrupt controller, watchdog, real-time clock – Dynamic power-saving features – 8-channel DMA controller – 6 x 16-bit general purpose timers with prescaler and 4 capture inputs – 4 x PWM generators – Debug and trace interfaces: JTAG/ETM




Similar Part No. - SPEAR320S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPEAR320 STMICROELECTRONICS-SPEAR320 Datasheet
909Kb / 73P
Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
05-Jul-2011
SPEAR320-2 STMICROELECTRONICS-SPEAR320-2 Datasheet
909Kb / 73P
Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
05-Jul-2011
More results


Similar Description - SPEAR320S

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX25_1004 FREESCALE-MCIMX25_1004 Datasheet
1Mb / 144P
i.MX25 Applications Processor for Consumer and Industrial Products
logo
ATMEL Corporation
SAM9M10 ATMEL-SAM9M10 Datasheet
234Kb / 2P
400MHz ARM926-based Embedded MPU with Hardware Video Decoder for Industrial Applications
logo
STMicroelectronics
SPEAR300 STMICROELECTRONICS-SPEAR300 Datasheet
1Mb / 83P
Embedded MPU with ARM926 core, flexible memory support, powerful connectivity features and human machine interface
29-Apr-2010
SPEAR320 STMICROELECTRONICS-SPEAR320 Datasheet
909Kb / 73P
Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
05-Jul-2011
SPEAR1310 STMICROELECTRONICS-SPEAR1310 Datasheet
811Kb / 57P
Dual-core Cortex A9 embedded MPU for communications
02-Sep-2010
SPEAR320-2 STMICROELECTRONICS-SPEAR320-2 Datasheet
909Kb / 73P
Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
05-Jul-2011
SPEAR600 STMICROELECTRONICS-SPEAR600 Datasheet
1Mb / 97P
Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface
09-May-2012
logo
Taoglas antenna solutio...
WLP4958124A02 TAOGLAS-WLP4958124A02 Datasheet
860Kb / 12P
For Wi-Fi Industrial and Consumer Applications
logo
NXP Semiconductors
MCIMX35SR2CEC NXP-MCIMX35SR2CEC Datasheet
2Mb / 147P
i.MX35 Applications Processors for Industrial and Consumer Products
Rev. 10, 06/2012
logo
STMicroelectronics
ST25R3916B STMICROELECTRONICS-ST25R3916B Datasheet
2Mb / 165P
NFC reader for payment, consumer and industrial applications
15-Mar-2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com