Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320S Datasheet(PDF) 9 Page - STMicroelectronics

Part # SPEAR320S
Description  Embedded MPU with ARM926 core for industrial and consumer applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320S Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SPEAR320S Datasheet HTML 5Page - STMicroelectronics SPEAR320S Datasheet HTML 6Page - STMicroelectronics SPEAR320S Datasheet HTML 7Page - STMicroelectronics SPEAR320S Datasheet HTML 8Page - STMicroelectronics SPEAR320S Datasheet HTML 9Page - STMicroelectronics SPEAR320S Datasheet HTML 10Page - STMicroelectronics SPEAR320S Datasheet HTML 11Page - STMicroelectronics SPEAR320S Datasheet HTML 12Page - STMicroelectronics SPEAR320S Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 113 page
background image
SPEAr320S
Description
Doc ID 022508 Rev 2
9/113
1
Description
SPEAr320S is a member of the SPEAr family of embedded MPUs and is optimized for
industrial automation and consumer markets. The device is based on the ARM926EJ-S
processor (up to 333 MHz), widely used in applications where the processing performance
is required to be higher than the one achievable with microcontrollers.
SPEAr320S provides an integrated MMU (memory management unit) which enables to
support high-level operating systems (HLOS), such as Linux and Windows Embedded
Compact 7. In addition, a rich set of integrated peripherals (memory interfaces, connectivity,
HMI, cryptography) allows the device to be used in a wide range of embedded applications.
The SPEAr320S architecture is based on multiple functional blocks interacting through a
multilayer interconnection bus matrix. The switch matrix structure allows different subsystem
data flows to be executed in parallel improving the core platform efficiency. High
performance master agents are directly interconnected with the memory controller reducing
the memory access latency. The overall memory bandwidth assigned to each master port
can be programmed and optimized through an internal efficient weighted round-robin
arbitration mechanism.
The SPEAr320S device is fully backward-compatible with the previous SPEAr320 product at
both hardware and software programming levels. The extended functionality is achieved by
enhanced I/O multiplexing, preserving the same pinout and ball map, as well as by a new
software-definable configuration mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com