Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320S Datasheet(PDF) 96 Page - STMicroelectronics

Part # SPEAR320S
Description  Embedded MPU with ARM926 core for industrial and consumer applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320S Datasheet(HTML) 96 Page - STMicroelectronics

Back Button SPEAR320S Datasheet HTML 92Page - STMicroelectronics SPEAR320S Datasheet HTML 93Page - STMicroelectronics SPEAR320S Datasheet HTML 94Page - STMicroelectronics SPEAR320S Datasheet HTML 95Page - STMicroelectronics SPEAR320S Datasheet HTML 96Page - STMicroelectronics SPEAR320S Datasheet HTML 97Page - STMicroelectronics SPEAR320S Datasheet HTML 98Page - STMicroelectronics SPEAR320S Datasheet HTML 99Page - STMicroelectronics SPEAR320S Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 113 page
background image
Timing requirements
SPEAr320S
96/113
Doc ID 022508 Rev 2
5.14
SD timing characteristics
Figure 29.
SD timing waveform
Note:
In full-speed mode, the frequency is 24 MHZ (41.6 ns). The data is launched at the falling
edge of the 24 MHZ clock and captured on the clock’s rising edge (the effective available
time is always 20.8 ns)
Table 71.
SD timing requirements (high-speed mode, 48 MHz)
Symbol
Description
Min
Max
Unit
tCK
SD_CLK clock period
20.8
ns
tD
SD_CLK to SD output delay
-1.60
10
tS
Setup time requirement for SD inputs
7.35
tH
Hold time requirement for SD inputs
0.19
Table 72.
SD timing requirements (full-speed mode, 24 MHz)
Symbol
Description
Min
Max
Unit
tCK
SD_CLK clock period
41.6
ns
tck-half
SD_CLK half period
20.8
tD
SD_CLK to SD output delay
-0.40
10
tS
Setup time requirement for SD inputs
7.35
tH
Hold time requirement for SD inputs
0.19
tCK
SD_CLK
SD_DAT#
SD_WP
SD_CMD
SD_LED
SD_CD
SD_DAT#
(input)
tS
tH
D
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com