Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320S Datasheet(PDF) 21 Page - STMicroelectronics

Part # SPEAR320S
Description  Embedded MPU with ARM926 core for industrial and consumer applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320S Datasheet(HTML) 21 Page - STMicroelectronics

Back Button SPEAR320S Datasheet HTML 17Page - STMicroelectronics SPEAR320S Datasheet HTML 18Page - STMicroelectronics SPEAR320S Datasheet HTML 19Page - STMicroelectronics SPEAR320S Datasheet HTML 20Page - STMicroelectronics SPEAR320S Datasheet HTML 21Page - STMicroelectronics SPEAR320S Datasheet HTML 22Page - STMicroelectronics SPEAR320S Datasheet HTML 23Page - STMicroelectronics SPEAR320S Datasheet HTML 24Page - STMicroelectronics SPEAR320S Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 113 page
background image
SPEAr320S
Device functions
Doc ID 022508 Rev 2
21/113
2.15
RS485 port (RS485)
SPEAr320S provides an additional UART port specialized for the RS485 standard.
Main features:
●
Transmit FIFO queue (8-bit data, 16 entries) and receive FIFO queue (12-bit
data/status, 16 entries) with disabling option (1-byte buffer depth)
●
Speed up to 7 Mbps
2.16
Fast infrared port (IrDA)
SPEAr320S provides an infrared interface compliant to the IrDA (Infrared Data Association)
standard specification. An external infrared transceiver is assumed. The Fast IrDa controller
performs the modulation and demodulation of the infrared signals as well as the wrapping of
IrDA link access protocol (IrLAP) frames.
Main features:
●
Support for the following standards:
–
IrDA serial infrared physical layer specification (IrPHY), version 1.3
–
IrDA link access protocol (IrLAP), version 1.1
●
Support for the following modes and baud rates:
–
Serial infrared (SIR): 9.6 Kbps, 19.2 Kbps, 38.4 Kbps, 57.6 Kbps, 115.2 Kbps
–
Medium infrared (MIR): 576 Kbps, 1152 Kbps
–
Fast infrared (FIR): 4 Mbps
●
Support for half-duplex infrared frame transmission and reception
●
Interface compliant to all IrDA transceivers with configurable polarity of TX and RX
signals
●
Integrated CRC algorithm: 16-bit (SIR, MIR), 32-bit (FIR)
●
Automatic generation of preamble, start and stop flags
●
RZI (return-to-zero inverted) modulation/demodulation scheme for SIR and MIR modes
●
4PPM (4-pulse position modulation) modulation/demodulation scheme for FIR mode
●
Synchronization by DPLL in FIR mode
●
Payload data transfer controllable by either CPU or DMA controller
●
Two clock domains:
–
Dedicated clock (IRDA_CLK signal) for accurate signal generation (48 MHz)
–
Independent and variable clock for the bus interface (13 MHz)
2.17
Legacy IEEE 1284 parallel port (SPP)
SPEAr320S provides a parallel port (slave mode only) compliant to the legacy IEEE 1284
standard.
Main features:
●
Unidirectional 8-bit data transfer from external host to SPEAr320S slave
●
Additional 9th bit for parity/data/command
●
Maskable interrupts for data, device reset, auto line feed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com