Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320S Datasheet(PDF) 85 Page - STMicroelectronics

Part # SPEAR320S
Description  Embedded MPU with ARM926 core for industrial and consumer applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320S Datasheet(HTML) 85 Page - STMicroelectronics

Back Button SPEAR320S Datasheet HTML 81Page - STMicroelectronics SPEAR320S Datasheet HTML 82Page - STMicroelectronics SPEAR320S Datasheet HTML 83Page - STMicroelectronics SPEAR320S Datasheet HTML 84Page - STMicroelectronics SPEAR320S Datasheet HTML 85Page - STMicroelectronics SPEAR320S Datasheet HTML 86Page - STMicroelectronics SPEAR320S Datasheet HTML 87Page - STMicroelectronics SPEAR320S Datasheet HTML 88Page - STMicroelectronics SPEAR320S Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 113 page
background image
SPEAr320S
Timing requirements
Doc ID 022508 Rev 2
85/113
5.7
Ethernet MII timing characteristics
The timing characterization is performed assuming an output load capacitance of 5 pF on
the MII TX clock (MII#_TXCLK) and 10 pF on the other pads.
5.7.1
MII transmit timing characteristics
Figure 17.
MII TX waveform
Note:
To calculate the tSETUP value for the PHY, you have to consider the next tCK rising edge, so
you have to apply the following formula: tSETUP = tCK - tmax
Table 58.
EMI signals timing requirements
Direction
Signal name
Max
Min
Unit
EMI_A0-EMI_A23
8.612293
1.93584
ns
EMD0-EMID15
9.471291
2.260195
EMI_CE0
8.764648
2.90581
EMI_CE1
7.977348
2.636304
EMI_CE2
9.027624
2.930175
EMI_CE3
9.29631
3.006315
EMI_BYTEN0
9.554388
3.092855
EMI_BYTEN1
9.233592
3.038856
EMI_RE
8.193018
2.680564
EMI_WE
8.172619
2.80189
EMI_D0-EMI_D15
10.8188
1.30245
Table 59.
MII TX timing requirements
Symbol
Description
Min
Max
Unit
tCK
MII#_TXCLK clock period
40
40
ns
tD
MII#_TXCLK to MII output data delay
3.34
11.86
tD
MII#_TXCLK
MII#_TXD0-MII#_TXD3,
MII#_TXEN, MII#_TXER
tck



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com