Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320S Datasheet(PDF) 78 Page - STMicroelectronics

Part # SPEAR320S
Description  Embedded MPU with ARM926 core for industrial and consumer applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320S Datasheet(HTML) 78 Page - STMicroelectronics

Back Button SPEAR320S Datasheet HTML 74Page - STMicroelectronics SPEAR320S Datasheet HTML 75Page - STMicroelectronics SPEAR320S Datasheet HTML 76Page - STMicroelectronics SPEAR320S Datasheet HTML 77Page - STMicroelectronics SPEAR320S Datasheet HTML 78Page - STMicroelectronics SPEAR320S Datasheet HTML 79Page - STMicroelectronics SPEAR320S Datasheet HTML 80Page - STMicroelectronics SPEAR320S Datasheet HTML 81Page - STMicroelectronics SPEAR320S Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 113 page
background image
Timing requirements
SPEAr320S
78/113
Doc ID 022508 Rev 2
5
Timing requirements
This chapter provides the timing requirements for the synchronous and asynchronous IPs
present in SPEAr320S.
The signal transition levels used for timing measurements are: 0.2*VDD and 0.8*VDD.
5.1
External interrupt timing characteristics
In legacy modes, all the interrupts are high-level triggered. In extended mode, interrupt
trigger polarity is programmable as rising or falling edge.
5.2
Reset timing characteristics
Note:
Warm reset can be triggered by software by writing any value to the system controller
SYSSTAT register.
Table 49.
PL_GPIO external interrupt input timing
Symbol
Description
Min
Unit
tINT
Minimum width for rising edge interrupt pulse
24
ns
Table 50.
Reset timing characteristics
Symbol
Description
Min
Unit
tRP(cold)
MRESET pin active low state duration for cold
reset (startup time from all supplies up and
stable).
See Figure 7: Cold reset release on page 77)
2ms
tRP(warm)
MRESET pin active low state duration for warm
reset (minimum pulse width able to reset the
device).
See Figure 8: Warm reset release on page 77)
1µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com