Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320S Datasheet(PDF) 69 Page - STMicroelectronics

Part # SPEAR320S
Description  Embedded MPU with ARM926 core for industrial and consumer applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320S Datasheet(HTML) 69 Page - STMicroelectronics

Back Button SPEAR320S Datasheet HTML 65Page - STMicroelectronics SPEAR320S Datasheet HTML 66Page - STMicroelectronics SPEAR320S Datasheet HTML 67Page - STMicroelectronics SPEAR320S Datasheet HTML 68Page - STMicroelectronics SPEAR320S Datasheet HTML 69Page - STMicroelectronics SPEAR320S Datasheet HTML 70Page - STMicroelectronics SPEAR320S Datasheet HTML 71Page - STMicroelectronics SPEAR320S Datasheet HTML 72Page - STMicroelectronics SPEAR320S Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 113 page
background image
SPEAr320S
Electrical characteristics
Doc ID 022508 Rev 2
69/113
4.5
3.3V I/O characteristics
The 3.3 V I/Os are compliant with JEDEC standard JESD8b.
Table 37.
Low voltage TTL DC input specification (3 V< VDD <3.6 V)
Symbol
Parameter
Min
Max
Unit
VIL
Low level input voltage
0.8
V
VIH
High level input voltage
2
V
Vhyst
Schmitt trigger hysteresis
300
800
mV
Table 38.
Low voltage TTL DC output specification (3 V< VDD <3.6 V)
Symbol
Parameter
Test condition
Min
Max
Unit
VOL
Low level output voltage
IOL= X mA
(1)
1.
Maximum current load (IOL) = 10 mA for PL_GPIO and PL_CLK pins. For the IOL max value of dedicated
pins, refer to Chapter 3: Pin description.
0.3
V
VOH
High level output voltage
IOH= -X mA
(1)
VDD - 0.3
V
Table 39.
Pull-up and pull-down characteristics
Symbol
Parameter
Test condition
Min
Max
Unit
RPU
Equivalent pull-up resistance
VI = 0 V
29
67
k
Ω
RPD
Equivalent pull-down resistance
VI = VDDE3V3
29
103
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com