Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320S Datasheet(PDF) 15 Page - STMicroelectronics

Part # SPEAR320S
Description  Embedded MPU with ARM926 core for industrial and consumer applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320S Datasheet(HTML) 15 Page - STMicroelectronics

Back Button SPEAR320S Datasheet HTML 11Page - STMicroelectronics SPEAR320S Datasheet HTML 12Page - STMicroelectronics SPEAR320S Datasheet HTML 13Page - STMicroelectronics SPEAR320S Datasheet HTML 14Page - STMicroelectronics SPEAR320S Datasheet HTML 15Page - STMicroelectronics SPEAR320S Datasheet HTML 16Page - STMicroelectronics SPEAR320S Datasheet HTML 17Page - STMicroelectronics SPEAR320S Datasheet HTML 18Page - STMicroelectronics SPEAR320S Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 113 page
background image
SPEAr320S
Device functions
Doc ID 022508 Rev 2
15/113
2.6
External memory interface (EMI)
SPEAr320S integrates an additional external memory interface that can be used to manage
external parallel NOR Flash memories as well as FPGA devices. This interface is available
only when Mode 3 (expanded automation mode) chip configuration is selected by software.
Main features:
24-bit address bus
16-bit data bus
4 chip select signals
Support for single asynchronous transfers
Support for peripherals using Byte Lane procedure
The external Flash component must be in read mode at reset. Usually, this is true for most
parallel NOR devices.
2.7
USB 2.0 Host ports (UHC)
SPEAr320S provides two USB 2.0 Host ports with integrated PHYs.
Main features:
Each port can be independently configured for high-speed mode (USB 2.0, up to
480 Mbps); in this case, the corresponding controller is programmed according to
standard EHCI specifications.
Each port can be independently configured for full-speed mode (USB 1.1, up to
12 Mbps) or low-speed mode (USB 1.1, up to 1.5 Mbps); in this case, the
corresponding controller is programmed according to standard OHCI specifications.
Internal 2 KB FIFO queues
Internal DMA support
Dedicated output control signals to manage external power switches
Dedicated input signals to sense any over-current condition detected by external power
switches
NAND02GW3A
Micron
2 Gb
256 MB
x8
2048 + 64 bytes
K9F2G08V0A
Samsung
2 Gb
256 MB
x8
512 + 16 bytes
NAND04GW3B2BN6
Micron
4 Gb
512 MB
x8
2048 + 64 bytes
K9F4G08V0A
Samsung
4 Gb
512 MB
x8
512 + 16 bytes
NAND08GW3B2CN6
Micron
8 Gb
1 GB
x8
2048 + 64 bytes
K9K8G08V0A
Samsung
8 Gb
1 GB
x8
512 + 16 bytes
K9F8G08V0M
Samsung
8 Gb
1 GB
x8
512 + 16 bytes
Table 2.
NAND Flash devices supported by the BootROM firmware (continued)
Part number
Vendor
Density
Capacity
Bus
width
Page size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com