Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320S Datasheet(PDF) 68 Page - STMicroelectronics

Part # SPEAR320S
Description  Embedded MPU with ARM926 core for industrial and consumer applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320S Datasheet(HTML) 68 Page - STMicroelectronics

Back Button SPEAR320S Datasheet HTML 64Page - STMicroelectronics SPEAR320S Datasheet HTML 65Page - STMicroelectronics SPEAR320S Datasheet HTML 66Page - STMicroelectronics SPEAR320S Datasheet HTML 67Page - STMicroelectronics SPEAR320S Datasheet HTML 68Page - STMicroelectronics SPEAR320S Datasheet HTML 69Page - STMicroelectronics SPEAR320S Datasheet HTML 70Page - STMicroelectronics SPEAR320S Datasheet HTML 71Page - STMicroelectronics SPEAR320S Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 113 page
background image
Electrical characteristics
SPEAr320S
68/113
Doc ID 022508 Rev 2
4.3
Recommended operating conditions
To ensure proper operation of the device, it is highly recommended to follow the conditions
shown in the following table.
4.4
Overshoot and undershoot
This product can support the following values of overshoot and undershoot.
If the amplitude of the overshoot/undershoot increases (decreases), the ratio of
overshoot/undershoot width to the pulse width decreases (increases). The formula relating
the two is:
Amplitude of OS/US = 0.75*(1- ratio of OS (or US) duration with respect to pulse width)
Note:
The value of overshoot/undershoot should not exceed the value of 0.5 V. However, the
duration of the overshoot/undershoot can be increased by decreasing its amplitude.
Table 35.
Recommended operating conditions
Symbol
Parameter
Min
Typ
Max
Unit
VDD 1.2
Supply voltage for the core
1.14
1.2
1.3
V
VDD 3.3
Supply voltage for the I/Os
3
3.3
3.6
V
VDD 2.5
PLL supply voltage(1)
1.
For power supply filtering it is required to add an external ferrite inductor.
2.25
2.5
2.75
V
VDD 2.5
Oscillator supply voltage
2.25
2.5
2.75
V
VDD 1.8
Supply voltage for DRAM interface
1.70
1.8
1.9
V
VDD RTC
RTC supply voltage
1.3
1.5
1.8
V
TA
Ambient temperature(2)
2.
TA to be considered under JESD51 conditions or equivalent ones.
-40
–
85
°C
TJ
Junction temperature
-40
–
125
°C
Table 36.
Overshoot and undershoot specifications
Parameter
3V3 I/Os
2V5 I/Os
1V8 I/Os
Amplitude
500 mV
500 mV
500 mV
Ratio of overshoot (or undershoot) duration with respect to
pulse width
1/3
1/3
1/3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com