Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320S Datasheet(PDF) 64 Page - STMicroelectronics

Part # SPEAR320S
Description  Embedded MPU with ARM926 core for industrial and consumer applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320S Datasheet(HTML) 64 Page - STMicroelectronics

Back Button SPEAR320S Datasheet HTML 60Page - STMicroelectronics SPEAR320S Datasheet HTML 61Page - STMicroelectronics SPEAR320S Datasheet HTML 62Page - STMicroelectronics SPEAR320S Datasheet HTML 63Page - STMicroelectronics SPEAR320S Datasheet HTML 64Page - STMicroelectronics SPEAR320S Datasheet HTML 65Page - STMicroelectronics SPEAR320S Datasheet HTML 66Page - STMicroelectronics SPEAR320S Datasheet HTML 67Page - STMicroelectronics SPEAR320S Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 113 page
background image
Pin description
SPEAr320S
64/113
Doc ID 022508 Rev 2
MII1_RXD0
PHY receive data
These bits provide the MII receive data
nibble. The validity of the data is qualified
with MII1_RXDV and MII1_RXER.
I
PL_GPIO_87/G13
2, Extended
MII1_RXD1
PL_GPIO_86/E17
2, Extended
MII1_RXD2
PL_GPIO_85/F15
2, Extended
MII1_RXD3
PL_GPIO_84/D17
2, Extended
MII1_RXDV
PHY receive data valid
When high, indicates that the data on the
MII1_RXDn bus is valid. It remains
asserted continuously from the first
recovered byte/nibble of the frame
through the final recovered byte/nibble.
I
PL_GPIO_89/F17
2, Extended
MII1_RXER
PHY receive error
When high, indicates an error or carrier
extension in the received frame on the
MII1_RXDn bus.
I
PL_GPIO_88/F16
2, Extended
MII1_TXCLK
Transmission clock
This is the transmission clock (25/2.5
MHz in 100M/10Mbps) provided by the
external PHY for the MII. All the MII
transmission signals generated by the
MAC are synchronous to this clock.
I
PL_GPIO_97/H16
2, Extended
MII1_TXD0
PHY transmit data.
These bits provide the MII transmit data
nibble. The validity of the data is qualified
with MII1_TXEN and MII1_TXER.
O
PL_GPIO_96/H15
2, Extended
MII1_TXD1
PL_GPIO_95/H14
2, Extended
MII1_TXD2
PL_GPIO_94/H13
2, Extended
MII1_TXD3
PL_GPIO_93/G17
2, Extended
MII1_TXEN
PHY transmit data enable
When high, indicates that valid data is
being transmitted on the MII1_TXDn bus.
O
PL_GPIO_92/G16
2, Extended
MII1_TXER
PHY transmit error
When high, indicates a transmit error or
carrier extension on the MII1_TXDn bus.
O
PL_GPIO_91/G15
2, Extended
RMII0/RMII1
RMII_MDC
Management data clock
The MAC provides timing reference for
the RMII_MDIO signal through this
aperiodic clock. The maximum frequency
of this clock is 2.5 MHz.This clock is
generated from the application clock
(HCLK) via a clock divider.
O
PL_GPIO_11/E5
Extended mode
RMII_MDIO
Management data input/output
IO
PL_GPIO_10/C3
Extended mode
RMII_REF_CLK
50 MHz reference clock input for RMII
interface
I
PL_GPIO_22/D6
Extended mode
Table 31.
Ethernet signals description (continued)
Signal name
Description
Dir.
PL_GPIO_# /
ball number
Configuration mode
(see Section 3.4.2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com