Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320S Datasheet(PDF) 89 Page - STMicroelectronics

Part # SPEAR320S
Description  Embedded MPU with ARM926 core for industrial and consumer applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320S Datasheet(HTML) 89 Page - STMicroelectronics

Back Button SPEAR320S Datasheet HTML 85Page - STMicroelectronics SPEAR320S Datasheet HTML 86Page - STMicroelectronics SPEAR320S Datasheet HTML 87Page - STMicroelectronics SPEAR320S Datasheet HTML 88Page - STMicroelectronics SPEAR320S Datasheet HTML 89Page - STMicroelectronics SPEAR320S Datasheet HTML 90Page - STMicroelectronics SPEAR320S Datasheet HTML 91Page - STMicroelectronics SPEAR320S Datasheet HTML 92Page - STMicroelectronics SPEAR320S Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 113 page
background image
SPEAr320S
Timing requirements
Doc ID 022508 Rev 2
89/113
5.9
FSMC timing characteristics
The FSMC present in SPEAr320S can interface external parallel NAND Flash memories.
The timing characterization is performed using primetime assuming an output load
capacitance of 3 pF on the data, 15 pF on FSMC_CSx, FSMC_RE and FSMC_WE and
10 pF on FSMC_ADDR_LE and FSMC_CMD_LE.
Figure 22.
Output command signal waveform
Figure 23.
Output address signal waveform
Figure 24.
In/out data address signal waveform
FSMC_CS#
FSMC_WE
FSMC_D#
Command
tCLE
tWE
tIO
FSMC_CMD_LE
FSMC_ADDR_LE
FSMC_CS#
FSMC_WE
FSMC_D#
Address
tALE
tWE
tIO
FSMC_CS#
FSMC_WE
FSMC_D# (out)
Data Out
tIO
FSMC_D# (in)
FSMC_RE
tRE -> IO
tWE
tRE
tREAD
tNFIO -> FFs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com