Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320S Datasheet(PDF) 70 Page - STMicroelectronics

Part # SPEAR320S
Description  Embedded MPU with ARM926 core for industrial and consumer applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320S Datasheet(HTML) 70 Page - STMicroelectronics

Back Button SPEAR320S Datasheet HTML 66Page - STMicroelectronics SPEAR320S Datasheet HTML 67Page - STMicroelectronics SPEAR320S Datasheet HTML 68Page - STMicroelectronics SPEAR320S Datasheet HTML 69Page - STMicroelectronics SPEAR320S Datasheet HTML 70Page - STMicroelectronics SPEAR320S Datasheet HTML 71Page - STMicroelectronics SPEAR320S Datasheet HTML 72Page - STMicroelectronics SPEAR320S Datasheet HTML 73Page - STMicroelectronics SPEAR320S Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 113 page
background image
Electrical characteristics
SPEAr320S
70/113
Doc ID 022508 Rev 2
4.6
Clocking parameters
4.6.1
Master clock (MCLK)
MCLK generated from a crystal oscillator
Figure 4.
MCLK crystal connection
1.
CL1 and CL2 are the load capacitors.
The value of the capacitors depends on the type of the selected crystal. To calculate the
value of the load capacitance, use the formula given below.
Formula
C
L
C
L1
C
L2
×
C
L1
C
L2
+
--------------------------
C
s
+
=
Where CL1 and CL2 are the load capacitors and CS is the circuit stray capacitance.
In our application:
CL1 = CL2 = Cext
Table 40.
MCLK oscillator characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fosc_in
Oscillator frequency
24(1)
1.
A frequency of 24 MHz is mandatory to obtain the required frequencies for all clocks generated by the USB
PLL (PLL3).
33 (2)
2.
At Max freq = 33 MHz the ESR value has to be less than 20
Ω.
MHz
ESR
Equivalent series
resisistance
50
Ω
gm
Oscillator
transconductance
Startup
19.8
28.5
mA/V
tSU
Startup time
Stabilized power on
MCLK_VDD2V5
pin
2 (3)
3.
Startup time simulated with a 30 MHz crystal.
ms
VDD2V5
24 MHz
CL1
CL2
(1)
(1)
MCLK_XI
MCLK_XO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com